Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 139 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 139 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 135Page - STMicroelectronics STM32H562RG Datasheet HTML 136Page - STMicroelectronics STM32H562RG Datasheet HTML 137Page - STMicroelectronics STM32H562RG Datasheet HTML 138Page - STMicroelectronics STM32H562RG Datasheet HTML 139Page - STMicroelectronics STM32H562RG Datasheet HTML 140Page - STMicroelectronics STM32H562RG Datasheet HTML 141Page - STMicroelectronics STM32H562RG Datasheet HTML 142Page - STMicroelectronics STM32H562RG Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 270 page
background image
DS14258 Rev 5
139/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Table 32. Typical consumption in Run mode with CoreMark running
from flash memory and SRAM(1)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Typ
SMPS
Unit
Typ
LDO
Typ
SMPS
Unit
Peripheral
Code
IDD(Run)
Supply current
in Run mode
All peripherals
disabled,
instruction cache
2-way,
prefetch ON
FLASH
250
32.1
17.5
mA
128.6
70.1
μA/MHz
200
22.1
10.97
110.7
54.8
168
18.8
9.3
111.8
55.6
150
15.4
8.5
102.7
56.9
100
9.8
4.5
97.9
45.3
All peripherals
disabled,
instruction cache
1-way,
prefetch ON
FLASH
250
29.2
15.9
116.6
63.8
200
20.1
12.5
100.4
62.7
150
14.0
10.0
93.3
66.4
100
8.9
4.2
88.9
41.7
All peripherals
disabled,
instruction cache
2-way
SRAM
250
30.8
17.2
123.3
68.7
200
21.2
10.5
106.2
52.6
168
18.0
9.0
107.3
53.4
150
14.8
7.2
98.5
48.2
100
9.4
4.5
94.1
44.6
All peripherals
disabled,
instruction cache
1-way
SRAM
250
27.8
15.5
111.1
61.9
200
19.1
9.9
95.4
49.3
150
13.3
6.6
88.9
43.8
100
8.5
4.1
84.9
40.7
1. Evaluated by characterization - Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com