Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 146 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 146 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 142Page - STMicroelectronics STM32H562RG Datasheet HTML 143Page - STMicroelectronics STM32H562RG Datasheet HTML 144Page - STMicroelectronics STM32H562RG Datasheet HTML 145Page - STMicroelectronics STM32H562RG Datasheet HTML 146Page - STMicroelectronics STM32H562RG Datasheet HTML 147Page - STMicroelectronics STM32H562RG Datasheet HTML 148Page - STMicroelectronics STM32H562RG Datasheet HTML 149Page - STMicroelectronics STM32H562RG Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
146/270
DS14258 Rev 5
Wake-up time from low-power modes
The times given in Table 39 are measured starting from the wake-up event trigger up to the
first instruction executed by the CPU:
•
for Stop or Sleep modes: the wake-up event is WFE.
•
WKUP (PA0) pin is used to wake-up from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD = 3.0 V.
APB2
SAI1
1.13
0.99
0.93
0.82
μA/MHz
SAI2
1.06
0.9
0.85
0.75
SPI1
1.03
0.91
0.85
0.75
SPI4
1.03
0.89
0.83
0.73
SPI6
1.03
0.9
0.85
0.74
TIM1
4.35
3.86
3.52
3.2
TIM15
2.08
1.84
1.69
1.54
TIM16
1.43
1.26
1.16
1.05
TIM17
1.44
1.25
1.17
1.05
TIM8
4.33
3.82
3.5
3.18
USART1
1.24
1.11
1.02
0.91
USBFS
2.53
2.22
2.04
1.84
APB2
1.04
0.92
0.84
0.77
APB3
I2C3
2.43
2.14
1.93
1.76
uA/MHz
I2C4
2.37
2.08
1.89
1.73
LPTIM1
0.92
0.82
0.75
0.67
LPTIM3
0.88
0.77
0.71
0.65
LPTIM4
0.49
0.45
0.41
0.37
LPTIM5
0.84
0.76
0.69
0.63
LPTIM6
0.93
0.82
0.76
0.70
LPUART1
0.84
0.74
0.66
0.63
RTCAPB
1.93
1.70
1.54
1.38
SBS
0.45
0.41
0.38
0.34
SPI5
1.05
0.93
0.84
0.75
VREFBUF
0.08
0.08
0.07
0.05
APB3
0.64
0.57
0.53
0.48
Table 38. Peripheral current consumption in Sleep mode (continued)
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com