Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 166 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 166 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 162Page - STMicroelectronics STM32H562RG Datasheet HTML 163Page - STMicroelectronics STM32H562RG Datasheet HTML 164Page - STMicroelectronics STM32H562RG Datasheet HTML 165Page - STMicroelectronics STM32H562RG Datasheet HTML 166Page - STMicroelectronics STM32H562RG Datasheet HTML 167Page - STMicroelectronics STM32H562RG Datasheet HTML 168Page - STMicroelectronics STM32H562RG Datasheet HTML 169Page - STMicroelectronics STM32H562RG Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
166/270
DS14258 Rev 5
Table 63. Output timing characteristics (HSLV OFF)(1)
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax(2)(3) Maximum frequency
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
8
MHz
C = 50 pF, 1.71 V ≤ VDD ≤ 2 V
-
5
C = 40 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
10
C = 40 pF, 1.71 V ≤ VDD ≤ 2 V
-
5
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
12
C = 30 pF, 1.71 V ≤ VDD ≤ 2 V
-
5
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
14
C = 20 pF, 1.71 V ≤ VDD ≤ 2 V
-
5
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
16
C = 10 pF, 1.71 V ≤ VDD ≤ 2 V
-
5
tr/tf(4)(5)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
18.0
ns
C = 50 pF, 1.71 V ≤ VDD ≤ 2 V
-
36.0
C = 40 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
17.0
C = 40 pF, 1.71 V ≤ VDD ≤ 2 V
-
34.0
C = 30 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
15.5
C = 30 pF, 1.71 V ≤ VDD ≤ 2 V
-
32.0
C = 20 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
14.2
C = 20 pF, 1.71 V ≤ VDD ≤ 2 V
-
30.0
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
12.2
C = 10 pF, 1.71 V ≤ VDD ≤ 2 V
-
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com