Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 204 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 204 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 200Page - STMicroelectronics STM32H562RG Datasheet HTML 201Page - STMicroelectronics STM32H562RG Datasheet HTML 202Page - STMicroelectronics STM32H562RG Datasheet HTML 203Page - STMicroelectronics STM32H562RG Datasheet HTML 204Page - STMicroelectronics STM32H562RG Datasheet HTML 205Page - STMicroelectronics STM32H562RG Datasheet HTML 206Page - STMicroelectronics STM32H562RG Datasheet HTML 207Page - STMicroelectronics STM32H562RG Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
204/270
DS14258 Rev 5
RAIN(6)
External input
impedance
Resolution = 12 bits, TJ = 130°C (tolerance 4 LSBs)
-
-
321
Ω
Resolution = 12 bits, TJ = 125°C
-
-
220
Resolution = 10 bits, TJ = 130°C
-
-
1039
Resolution = 10 bits, TJ = 125°C
-
-
2100
Resolution = 8 bits, TJ = 130°C
-
-
6327
Resolution = 8 bits, TJ = 125°C
-
-
12000
Resolution = 6 bits, TJ = 130°C
-
-
47620
Resolution = 6 bits, TJ = 125°C
-
-
80000
CADC
Internal
sample and
hold capacitor
-
-
3
-
pF
tADCVREG_
STUP
LDO startup
time
-
-
5
10
µs
tSTAB
Power-up time
LDO already started
1
-
-
Conversion
cycle
tOFF_CAL
Offset
calibration time
-
1335
1/fadc_ker_ck
tLATR
Trigger
conversion
latency for
regular and
injected
channels
without
aborting the
conversion
CKMODE = 00
1.5
2
2.5
CKMODE = 01
-
-
2.5
CKMODE = 10
-
-
2.5
CKMODE = 11
-
-
2.25
tLATRINJ
Trigger
conversion
latency for
regular and
injected
channels when
a regular
conversion is
aborted
CKMODE = 00
2.5
3
3.5
CKMODE = 01
-
-
3.5
CKMODE = 10
-
-
3.5
CKMODE = 11
-
-
3.25
tS
Sampling time
-
2.5
-
640.5
tCONV
Total
conversion
time (including
sampling)
N-bits resolution
tS + 0.5
+ N
-
-
IDDA_D(ADC)
Consumption
on VDDA and
VREF,
differential
mode
fs = 5 MSPS
-
600
-
µA
fs = 1 MSPS
-
190
-
fs = 0.1 MSPS
-
50
-
IDDA_SE(ADC)
Consumption
on VDDA and
VREF, single-
ended mode
fs = 5 MSPS
-
500
-
fs = 1 MSPS
-
150
-
fs = 0.1 MSPS
-
50
-
IDD(ADC)
Consumption
on VDD
fadc_ker_ck = 75 MHz
-
265
-
fadc_ker_ck = 50 MHz
175
-
fadc_ker_ck = 25 MHz
-
90
-
fadc_ker_ck = 12.5 MHz
-
45
-
fadc_ker_ck = 6.25 MHz
-
22
-
fadc_ker_ck = 3.125 MHz
-
11
-
1. Specified by design - Not tested in production.
2. The voltage booster on ADC switches must be used for VDDA < 2.7 V (embedded I/O switches).
Table 95. 12-bit ADC characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com