Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 255 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 255 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 251Page - STMicroelectronics STM32H562RG Datasheet HTML 252Page - STMicroelectronics STM32H562RG Datasheet HTML 253Page - STMicroelectronics STM32H562RG Datasheet HTML 254Page - STMicroelectronics STM32H562RG Datasheet HTML 255Page - STMicroelectronics STM32H562RG Datasheet HTML 256Page - STMicroelectronics STM32H562RG Datasheet HTML 257Page - STMicroelectronics STM32H562RG Datasheet HTML 258Page - STMicroelectronics STM32H562RG Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 270 page
background image
DS14258 Rev 5
255/270
STM32H562xx and STM32H563xx
Package information
265
6.7
UFBGA169 package information (A0YV)
This UFBGA is a 169-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid array package.
Figure 90. UFBGA169 - Outline
1. Drawing is not to scale.
2. Primary datum C is defined by the plane established by the contact points of three or more solder balls that
support the device when it is placed on top of a planar surface.
3. The terminal (ball) A1 corner must be identified on the top surface of the package by using a corner
chamfer, ink or metallized markings, or other feature of package body or integral heat slug. A distinguish
feature is allowable on the bottom surface of the package to identify the terminal A1 corner. Exact shape of
each corner is optional.
A0YV_UFBGA169_ME_V2
E
TOP VIEW
A1 ball pad
corner
A
SIDE VIEW
Detail A
C
e
N
BOTTOM VIEW
Ø
b (169 balls)
B
eee
Ø
M
fff
Ø
M
C
C
A
D1
E1
1
SE
e
23
13
456 789 10 11 12
A1 ball pad
corner
M
L
K
J
H
G
F
E
D
C
B
A
SD
B
A
D
aaa C
(4x)
Seating plane
A1
A3
C
ddd
Substrate
Solder balls
A5
A2
Mold resin
C
ccc
2
(DATUM B)
(DATUM A)
3
DETAIL A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com