Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RI Arkusz danych(PDF) 83 Page - STMicroelectronics

Numer części STM32H562RI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Arkusz danych(HTML) 83 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 79Page - STMicroelectronics STM32H562RI Datasheet HTML 80Page - STMicroelectronics STM32H562RI Datasheet HTML 81Page - STMicroelectronics STM32H562RI Datasheet HTML 82Page - STMicroelectronics STM32H562RI Datasheet HTML 83Page - STMicroelectronics STM32H562RI Datasheet HTML 84Page - STMicroelectronics STM32H562RI Datasheet HTML 85Page - STMicroelectronics STM32H562RI Datasheet HTML 86Page - STMicroelectronics STM32H562RI Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 270 page
background image
N7
-
-
M5
52
P4
25
34
45
H6
55
P5
25
PC5
I/O
FT_ah
-
TIM1_CH4N, SAI1_D3,
PSSI_D15, SAI1_FS_A,
UART12_RTS/UART12_DE,
OCTOSPI1_DQS,
ETH_MII_RXD1/ETH_RMII_RXD1
, FMC_SDCKE0, EVENTOUT
ADC12_INP8, ADC12_INN4
T8
-
-
--
M8
--
--
-
-
-
VDD
S
-
-
-
-
R7
32
43
N5
53
R5
26
35
46
L5
56
R5
26
PB0
I/O
FT_ah
-
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N, OCTOSPI1_IO1,
USART11_CK, UART4_CTS,
ETH_MII_RXD2, LPTIM3_CH1,
EVENTOUT
ADC12_INP9, ADC12_INN5
P6
33
44
H6
54
N6
27
36
47
K6
57
R4
27
PB1
I/O
FT_ah
-
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N, OCTOSPI1_IO0,
ETH_MII_RXD3, LPTIM3_CH2,
EVENTOUT
ADC12_INP5
L5
34
45
N6
55
P6
28
37
48
L6
58
M6
28
PB2
I/O
FT_ah
-
RTC_OUT2, SAI1_D1,
TIM8_CH4N, SPI1_RDY,
LPTIM1_CH1, SAI1_SD_A,
SPI3_MOSI/I2S3_SDO,
OCTOSPI1_CLK,
OCTOSPI1_DQS,
SDMMC1_CMD, LPTIM5_ETR,
EVENTOUT
LSCO
-
-
46
J6
56
R6
-
-
49
J6
59
R6
-
PF11
I/O
FT_ah
-
SPI5_MOSI, OCTOSPI1_NCLK,
SAI2_SD_B, FMC_NRAS,
DCMI_D12/PSSI_D12,
LPTIM6_CH1, EVENTOUT
ADC1_INP2
-
-
47
K6
57
N7
-
-
50
N6
60
P6
-
PF12
I/O
FT_ah
-
FMC_A6, LPTIM6_CH2,
EVENTOUT
ADC1_INP6, ADC1_INN2
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com