Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RI Arkusz danych(PDF) 84 Page - STMicroelectronics

Numer części STM32H562RI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Arkusz danych(HTML) 84 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 80Page - STMicroelectronics STM32H562RI Datasheet HTML 81Page - STMicroelectronics STM32H562RI Datasheet HTML 82Page - STMicroelectronics STM32H562RI Datasheet HTML 83Page - STMicroelectronics STM32H562RI Datasheet HTML 84Page - STMicroelectronics STM32H562RI Datasheet HTML 85Page - STMicroelectronics STM32H562RI Datasheet HTML 86Page - STMicroelectronics STM32H562RI Datasheet HTML 87Page - STMicroelectronics STM32H562RI Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 270 page
background image
-
-
48
M7
58
-
-
-
51
M7
61
-
-
VSS
S
-
-
-
-
--
49
N7
59
-
-
-
52
N7
62
N9
-
VDD
S
-
-
-
-
-
-
50
H7
60
P7
-
-
53
H7
63
N6
-
PF13
I/O
FT_ah
-
I2C4_SMBA, FMC_A7,
LPTIM6_IN1, EVENTOUT
ADC2_INP2
-
-
51
L6
61
R7
-
-
54
M6
64
R7
-
PF14
I/O
FT_fah
-
FMC_A8, LPTIM6_IN2,
EVENTOUT
ADC2_INP6, ADC2_INN2
-
-
52
J7
62
N8
-
-
55
J7
65
P7
-
PF15
I/O
FT_fh
-
I2C4_SDA, I3C1_SDA, FMC_A9,
EVENTOUT
-
-
-
53
M6
63
R8
-
-
56
L7
66
N7
-
PG0
I/O
FT_h
-
UART9_RX, FMC_A10,
LPTIM4_IN1, EVENTOUT
-
-
-
54
K7
64
P8
-
-
57
K7
67
M7
-
PG1
I/O
FT_h
-
SPI2_MOSI/I2S2_SDO,
UART9_TX, FMC_A11,
EVENTOUT
-
T6
35
55
L7
65
R9
-
38
58
N8
68
R8
-
PE7
I/O
FT_ah
-
TIM1_ETR,
UART12_RTS/UART12_DE,
UART7_RX, OCTOSPI1_IO4,
FMC_D4/FMC_AD4, EVENTOUT
-
N5
36
56
J8
66
P9
-
39
59
G7
69
P8
-
PE8
I/O
FT_ah
-
TIM1_CH1N,
UART12_CTS/UART12_NSS,
UART7_TX, OCTOSPI1_IO5,
FMC_D5/FMC_AD5, EVENTOUT
-
R5
37
57
N8
67
N9
-
40
60
L8
70
P9
-
PE9
I/O
FT_ah
-
TIM1_CH1, UART12_RX,
UART7_RTS/UART7_DE,
OCTOSPI1_IO6,
FMC_D6/FMC_AD6, EVENTOUT
-
-
-
58
-
68
-
-
-
61
-
71
-
-
VSS
S
-
-
-
-
-
-
59
-
69
-
-
-
62
-
72
-
-
VDD
S
-
-
-
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com