Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H563AI Arkusz danych(PDF) 77 Page - STMicroelectronics

Numer części STM32H563AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563AI Arkusz danych(HTML) 77 Page - STMicroelectronics

Back Button STM32H563AI Datasheet HTML 73Page - STMicroelectronics STM32H563AI Datasheet HTML 74Page - STMicroelectronics STM32H563AI Datasheet HTML 75Page - STMicroelectronics STM32H563AI Datasheet HTML 76Page - STMicroelectronics STM32H563AI Datasheet HTML 77Page - STMicroelectronics STM32H563AI Datasheet HTML 78Page - STMicroelectronics STM32H563AI Datasheet HTML 79Page - STMicroelectronics STM32H563AI Datasheet HTML 80Page - STMicroelectronics STM32H563AI Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 270 page
background image
-
-
-E4
7
E2
-
-
-E3
7
D2
-
PI8
I/O
FT_t
(5)
EVENTOUT
TAMP_IN2/TAMP_OUT3,
RTC_OUT2, WKUP3
C9
7
7
E3
8
E3
2
7
7
E4
8
D1
2
PC13
I/O
FT_t
(5)
EVENTOUT
TAMP_IN1/TAMP_OUT2/
TAMP_OUT3, RTC_OUT1/
RTC_TS, WKUP4
G9
-
-
-
---
--
---
-
VSS
S
-
-
-
-
D10
8
8
D1
9
D2
3
8
8
B1
9
E1
3
PC14-
OSC32_IN
(OSC32_IN)
I/O
FT
-
EVENTOUT
OSC32_IN
F10
9
9
E1
10
D1
4
9
9
C1
10
F1
4
PC15-
OSC32_OUT
(OSC32_OUT)
I/O
FT
-
EVENTOUT
OSC32_OUT
-
-
-
-
11
E1
--
--
11
D3
-
PI9
I/O
FT_h
-
UART4_RX, FDCAN1_RX,
EVENTOUT
-
-
-
-
-
12
F4
-
-
-
-
12
E3
-
PI10
I/O
FT_h
-
FDCAN1_RX, ETH_MII_RX_ER,
PSSI_D14, EVENTOUT
-
-
-
-
-
13
F3
-
-
-
F4
13
E4
-
PI11
I/O
FT
-
PSSI_D15, EVENTOUT
TAMP_IN4/TAMP_OUT5
-
-
-
B2
14
C1
-
-
-
D2
14
D5
-
VSS
S
-
-
-
-
-
-
-
B1
15
D5
-
-
-
D1
15
C5
-
VDD
S
-
-
-
-
-
-
10
E2
16
F2
-
-
10
F3
16
E2
-
PF0
I/O
FT_f
-
I2C2_SDA, FMC_A0,
LPTIM5_CH1, EVENTOUT
-
-
-
11
F3
17
F1
-
-
11
E1
17
H3
-
PF1
I/O
FT_f
-
I2C2_SCL, FMC_A1,
LPTIM5_CH2, EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com