Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H563AI Arkusz danych(PDF) 92 Page - STMicroelectronics

Numer części STM32H563AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563AI Arkusz danych(HTML) 92 Page - STMicroelectronics

Back Button STM32H563AI Datasheet HTML 88Page - STMicroelectronics STM32H563AI Datasheet HTML 89Page - STMicroelectronics STM32H563AI Datasheet HTML 90Page - STMicroelectronics STM32H563AI Datasheet HTML 91Page - STMicroelectronics STM32H563AI Datasheet HTML 92Page - STMicroelectronics STM32H563AI Datasheet HTML 93Page - STMicroelectronics STM32H563AI Datasheet HTML 94Page - STMicroelectronics STM32H563AI Datasheet HTML 95Page - STMicroelectronics STM32H563AI Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 270 page
background image
-
-
--
---
--
--
G12
-
VSS
S
-
-
-
-
-
-
--
---
--
--
G13
-
VDD
S
-
-
-
-
G3
67
100
E10
119
F15
41
67
100
F12
119
F15
44
PA8
I/O
FT_fh
-
MCO1, TIM1_CH1, TIM8_BKIN2,
I2C3_SCL, SPI1_RDY,
USART1_CK, USB_SOF,
UART7_RX, FMC_NOE,
DCMI_D3/PSSI_D3, EVENTOUT
-
H4
68
101
F13
120
E15
42
68
101
E11
120
E15
45
PA9
I/O
FT_d
-
TIM1_CH2, LPUART1_TX,
I2C3_SMBA, SPI2_SCK/I2S2_CK,
USART1_TX, ETH_MII_TX_ER,
FMC_NWE, DCMI_D0/PSSI_D0,
EVENTOUT
UCPD1_DB1
G5
69
102
E11
121
E14
43
69
102
E10
121 D15
46
PA10
I/O
FT_h
-
TIM1_CH3, LPUART1_RX,
LPTIM2_IN2, UCPD1_FRSTX,
USART1_RX, FDCAN2_TX,
SDMMC1_D0,
DCMI_D1/PSSI_D1, EVENTOUT
-
E1
70
103 C13 122 D15
44
70
103
F13
122 C15
47
PA11
I/O
FT_u
-
TIM1_CH4, LPUART1_CTS,
SPI2_NSS/I2S2_WS, UART4_RX,
USART1_CTS/USART1_NSS,
FDCAN1_RX, USB_DM,
EVENTOUT
-
C1
71
104
B13
123 C15
45
71
104
E13
123
B15
48
PA12
I/O
FT_u
-
TIM1_ETR,
LPUART1_RTS/LPUART1_DE,
SPI2_SCK/I2S2_CK, UART4_TX,
USART1_RTS/USART1_DE,
SAI2_FS_B, FDCAN1_TX,
USB_DP, EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com