Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H563AI Arkusz danych(PDF) 133 Page - STMicroelectronics

Numer części STM32H563AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563AI Arkusz danych(HTML) 133 Page - STMicroelectronics

Back Button STM32H563AI Datasheet HTML 129Page - STMicroelectronics STM32H563AI Datasheet HTML 130Page - STMicroelectronics STM32H563AI Datasheet HTML 131Page - STMicroelectronics STM32H563AI Datasheet HTML 132Page - STMicroelectronics STM32H563AI Datasheet HTML 133Page - STMicroelectronics STM32H563AI Datasheet HTML 134Page - STMicroelectronics STM32H563AI Datasheet HTML 135Page - STMicroelectronics STM32H563AI Datasheet HTML 136Page - STMicroelectronics STM32H563AI Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 270 page
background image
DS14258 Rev 5
133/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.4
Operating conditions at power-up/down
Subject to general operating conditions for TA.
v
5.3.5
Embedded reset and power control block characteristics
The parameters given in Table 25 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 20.
Table 24. Operating conditions at power-up/down (regulator ON)
Symbol
Parameter
Min
Max
Unit
TVDD
VDD rise time rate
0
∞
μs/V
VDD fall time rate
10
∞
TVDDA
VDDA rise time rate
0
∞
VDDA fall time rate
10
∞
TVDDUSB
TVDDUSB rise time rate
0
∞
TVDDUSB fall time rate
10
∞
TVDDIO2
TVDDIO2 rise time rate
0
∞
TVDDIO2 fall time rate
10
∞
TVBAT
TVBAT rise time rate
0
∞
TVBAT fall time rate
10
∞
Table 25. Embedded reset and power control block characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO(2)
Reset temporization after BOR0 detection VDD rising
-
377
550
μs
VPOR/PDR
Power-on/down reset threshold
(BORH_EN =0)
Rising edge
1.62
1.67
1.71
V
Falling edge
1.58
1.62
1.68
VBOR1
Brownout reset threshold 1
(BORH_EN =1)
Rising edge
2.04
2.10
2.15
V
Falling edge
1.95
2.00
2.06
VBOR2
Brownout reset threshold 2
(BORH_EN =1)
Rising edge
2.34
2.41
2.47
Falling edge
2.25
2.31
2.37
VBOR3
Brownout reset threshold 3
(BORH_EN =1)
Rising edge
2.63
2.70
2.78
Falling edge
2.54
2.61
2.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com