Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RM9001AF Arkusz danych(PDF) 4 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Numer części RM9001AF
Szczegółowy opis  Multi-stage constant current constant power LED control chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Strona internetowa  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9001AF Arkusz danych(HTML) 4 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9001AF Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9001AF Datasheet HTML 9Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
多段恒流恒功率 LED 控制芯
RM9001A 规格书
陕西亚成微电子股份有限公司
RM9001A_Rev.17.06
http: // www.reactor-micro.com
- 4-
功能框图:
Driving
Logic
Power
OTP
Detection
D1
S1
D2
D3
Power
Compers
ation
CP
D4
RTH
电气参数:(无特别说明情况下, TA =25 ℃)
符号
参数
条件
最小值
典型值
最大值
单位
IVCC
VCC工作电流
VD1=30V
0.1
0.5
mA
VD1
VD1耐压
700
-
-
V
VD2
VD2耐压
700
-
-
V
VD3
VD3耐压
500
-
-
V
VD4
VD4耐压
500
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com