Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APC04S08 Arkusz danych(PDF) 15 Page - Astec America, Inc

Numer części APC04S08
Szczegółowy opis  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTEC [Astec America, Inc]
Strona internetowa  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC04S08 Arkusz danych(HTML) 15 Page - Astec America, Inc

Back Button APC04S08 Datasheet HTML 11Page - Astec America, Inc APC04S08 Datasheet HTML 12Page - Astec America, Inc APC04S08 Datasheet HTML 13Page - Astec America, Inc APC04S08 Datasheet HTML 14Page - Astec America, Inc APC04S08 Datasheet HTML 15Page - Astec America, Inc APC04S08 Datasheet HTML 16Page - Astec America, Inc APC04S08 Datasheet HTML 17Page - Astec America, Inc APC04S08 Datasheet HTML 18Page - Astec America, Inc APC04S08 Datasheet HTML 19Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 15 OF 23
OCTOBER 4, 2004 - REVISION 03
Performance Curve - Thermal Derating (continued)
3.3V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [°C]
12Vin (0 LFM)
12Vin (400 LFM)
6Vin (0 LFM)
6Vin (400 LFM)
2.5V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [°C]
12Vin (0 LFM)
12Vin (400 LFM)
6Vin (0 LFM)
6Vin (400 LFM)
Figure 25. APC08F08 Thermal Derating Curve.
Figure 26. APC08G08 Thermal Derating Curve.
1.5V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [°C]
12Vin (0 LFM)
12Vin (400 LFM)
6Vin (0 LFM)
6Vin (400 LFM)
Figure 27. APC08Y08 Thermal Derating Curve.
Figure 28. APC08M08 Thermal Derating Curve.
1.8V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [°C]
12Vin (0 LFM)
12Vin (400 LFM)
6Vin (0 LFM)
6Vin (400 LFM)
0.9V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [°C]
12Vin (0 LFM)
12Vin (400 LFM)
6Vin (0 LFM)
6Vin (400 LFM)
1.2V Derating
0
1
2
3
4
5
6
7
8
9
25
35
45
55
65
75
85
Ambient Temperature [°C]
12Vin (0 LFM)
12Vin (400 LFM)
6Vin (0 LFM)
6Vin (400 LFM)
Figure 29. APC08K08 Thermal Derating Curve.
Figure 30. APC08J08 Thermal Derating Curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com