Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APC04S08 Arkusz danych(PDF) 19 Page - Astec America, Inc

Numer części APC04S08
Szczegółowy opis  Non-Isolated DC/DC Power Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTEC [Astec America, Inc]
Strona internetowa  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC04S08 Arkusz danych(HTML) 19 Page - Astec America, Inc

Back Button APC04S08 Datasheet HTML 15Page - Astec America, Inc APC04S08 Datasheet HTML 16Page - Astec America, Inc APC04S08 Datasheet HTML 17Page - Astec America, Inc APC04S08 Datasheet HTML 18Page - Astec America, Inc APC04S08 Datasheet HTML 19Page - Astec America, Inc APC04S08 Datasheet HTML 20Page - Astec America, Inc APC04S08 Datasheet HTML 21Page - Astec America, Inc APC04S08 Datasheet HTML 22Page - Astec America, Inc APC04S08 Datasheet HTML 23Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 19 OF 23
OCTOBER 4, 2004 - REVISION 03
Young’s Stability Curves
PHASE MARGIN
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
1 .10
4
1 .10
3
0.01
0.1
1
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
150
100
50
0
50
Frequency
________0°
_______15°
_______30°
_______45°
_______60°
_______75°
_______90°
Figure 44. YSC - Phase Margin response to determine system stability at other load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com