| Zakładka z wyszukiwarką danych komponentów |
|
CD4514BCWM Arkusz danych(PDF) 3 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
CD4514BCWM Arkusz danych(HTML) 3 Page - SYC Electronica |
|
3 / 8 page ![]() Absolute Maximum Ratings(Note 1) (Note 2) Recommended Operating Conditions (Note 2) Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Tempera- ture Range” they are not meant to imply that the devices should be oper- ated at these limits. The tables of “Recommended Operating Conditions” and “Electrical Characteristics” provide conditions for actual device opera- tion. Note 2: VSS = 0V unless otherwise specified. DC Electrical Characteristics (Note 2) CD4514BC, CD4515BC Note 3: IOH and IOL are tested one output at a time. DC Supply Voltage (VDD) −0.5V to +18V Input Voltage (VIN) −0.5V to V DD + 0.5V Storage Temperature Range (TS) −65°C to +150°C Power Dissipation (PD) Dual-In-Line 700 mW Small Outline 500 mW Lead Temperature (TL) (Soldering, 10 seconds) 260 °C DC Supply Voltage (VDD) 3V to 15V Input Voltage (VIN) 0V to VDD Operating Temperature Range (TA) CD4514BC, CD4515BC −40°C to +85°C Symbol Parameter Conditions −40°C +25°C +85°C Units Min Max Min Typ Max Min Max IDD Quiescent Device VDD = 5V, VIN = VDD or V SS 20 0.005 20 150 µA Current VDD = 10V, VIN = VDD or V SS 40 0.010 40 300 µA VDD = 15V, VIN = VDD or V SS 80 0.015 80 600 µA VOL LOW Level VIL = 0V, VIH = VDD, Output Voltage |IO| < 1 µA VDD = 5V 0.05 0 0.05 0.05 V VDD = 10V 0.05 0 0.05 0.05 V VDD = 15V 0.05 0 0.05 0.05 V VOH HIGH Level VIL = 0V, VIH = VDD, Output Voltage |IO| < 1 µA VDD = 5V 4.95 4.95 5.0 4.95 V VDD = 10V 9.95 9.95 10.0 9.95 V VDD = 15V 14.95 14.95 15.0 14.95 V VIL LOW Level |IO| < 1 µA Input Voltage VDD = 5V, VO = 0.5V or 4.5V 1.5 2.25 1.5 1.5 V VDD = 10V, VO = 1.0V or 9.0V 3.0 4.50 3.0 3.0 V VDD = 15V, VO = 1.5V or 13.5V 4.0 6.75 4.0 4.0 V VIH HIGH Level |IO| < 1 µA Input Voltage VDD = 5V, VO = 0.5V or 4.5V 3.5 3.5 2.75 3.5 V VDD = 10V, VO = 1.0V or 9.0V 7.0 7.0 5.50 7.0 V VDD = 15V, VO = 1.5V or 13.5V 11.0 11.0 8.25 11.0 V IOL LOW Level Output VDD = 5V, VO = 0.4V 0.52 0.44 0.88 0.36 mA Current (Note 3) VDD = 10V, VO = 0.5V 1.3 1.1 2.25 0.90 mA VDD = 15V, VO = 1.5V 3.6 3.0 8.8 2.4 mA IOH HIGH Level Output VDD = 5V, VO = 4.6V −0.52 −0.44 −0.88 −0.36 mA Current (Note 3) VDD = 10V, VO = 9.5V −1.3 −1.1 −2.25 −0.90 mA VDD = 15V, VO = 13.5V −3.6 −3.0 −8.8 −2.4 mA IIN Input Current VDD = 15V, VIN = 0V −0.3 −10−5 −0.3 −1.0 µA VDD = 15V, VIN = 15V 0.3 10−5 0.3 1.0 µA www.sycelectronica.com.ar |