| Zakładka z wyszukiwarką danych komponentów |
|
CD4514BCWM Arkusz danych(PDF) 4 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
CD4514BCWM Arkusz danych(HTML) 4 Page - SYC Electronica |
|
4 / 8 page ![]() AC Electrical Characteristics (Note 4) All types CL = 50 pF, TA = 25°C, tr = tf = 20 ns unless otherwise specified Note 4: AC Parameters are guaranteed by DC correlated testing. Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see Family Characteristics application note, AN-90. Note 6: Capacitance is guaranteed by periodic testing. Symbol Parameter Conditions Min Typ Max Units tTHL, tTLH Transition Times VDD = 5V 100 200 ns VDD = 10V 50 100 ns VDD = 15V 40 80 ns tPLH, tPHL Propagation Delay Times VDD = 5V 550 1100 ns VDD = 10V 225 450 ns VDD = 15V 150 300 ns tPLH, tPHL Inhibit Propagation VDD = 5V 400 800 ns Delay Times VDD = 10V 150 300 ns VDD = 15V 100 200 ns tSU Setup Time VDD = 5V 125 250 ns VDD = 10V 50 100 ns VDD = 15V 38 75 ns tWH Strobe Pulse Width VDD = 5V 175 350 ns VDD = 10V 50 100 ns VDD = 15V 38 75 ns CPD Power Dissipation Capacitance Per Package (Note 5) 150 pF CIN Input Capacitance Any Input (Note 6) 5 7.5 pF www.sycelectronica.com.ar |