Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7410ND Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części TDA7410ND
Szczegółowy opis  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 5Page - STMicroelectronics TDA7410ND Datasheet HTML 6Page - STMicroelectronics TDA7410ND Datasheet HTML 7Page - STMicroelectronics TDA7410ND Datasheet HTML 8Page - STMicroelectronics TDA7410ND Datasheet HTML 9Page - STMicroelectronics TDA7410ND Datasheet HTML 10Page - STMicroelectronics TDA7410ND Datasheet HTML 11Page - STMicroelectronics TDA7410ND Datasheet HTML 12Page - STMicroelectronics TDA7410ND Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TDA7410ND
Electrical Specification
9/34
4
Electrical Specification
4.1
Absolute maximum ratings
4.2
Supply
4.3
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Rth-j pins
Thermal resistance junction-pins
85
°C/W
VS
Operating supply voltage
10.5
V
Tamb
Operating ambient temperature
-40 to 85
°C
Tstg
Storage temperature range
-55 to 150
°C
VESD
ESD protection (Human Body Model)
±2000
V
VESD
ESD protection (Machine Model)
±200
V
VESD
ESD protection (Change Device Model)
±750
V
Table 4.
Supply
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
Supply voltage
7.5
8.5
10
V
IDD
Supply current
VDD = 8.5V
15
20
25
mA
Table 5.
Electrical characteristics
VS = 8.5V; Tamb= 25°C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Input selector
Rin
Input resistance
All single ended inputs
70
100
130
k
Ω
VCL
Clipping level
CASS, CD, AUX input
2
VRMS
AM, MPX input
1.4
VRMS
GIN_MIN
Min. input gain
0
dB
GIN_MAX
Max. input gain
15
dB
GSTEP
Step resolution
1
dB
Differential stereo inputs
Rin
Input resistance
Differential
70
100
130
k
Ω
CMRR
Common mode rejection ratio
VCM=1 VRMS@ 1kHz
40
50
dB
Volume control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34