| Zakładka z wyszukiwarką danych komponentów |
|
L79L08C Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L79L08C Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 22 page ![]() L79LxxAB - L79LxxAC - L79LxxC Electrical characteristics 9/22 Table 9. Electrical characteristics of L79L15 (refer to the test circuits, TJ = 0 to 125 °C, VI = - 23 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -13.8 -15 -16.2 V VO Output voltage IO = 1 to 40 mA, VI = -17.5 to -30 V -13.5 -16.5 V IO = 1 to 70 mA, VI = -23 V -13.5 -16.5 ΔVO Line regulation VI = -17.5 to -30 V, TJ = 25°C 300 mV VI = -20 to -30 V, TJ = 25°C 250 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 150 mV IO = 1 to 40 mA, TJ = 25°C 75 Id Quiescent current TJ = 25°C 6.5 mA TJ = 125°C 6 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = -20 to -30 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 90 µV SVR Supply voltage rejection VI = -18.5 to -28.5.V, f = 120Hz IO = 40 mA, TJ = 25°C 33 39 dB Vd Dropout voltage 1.7 V Table 10. Electrical characteristics of L79L05AB and L79L05AC (refer to the test circuits, VI = - 10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125 °C for L79L05AC, TJ = -40 to 125 °C for L79L05AB, unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -4.8 -5 -5.2 V VO Output voltage IO = 1 to 40 mA, VI = -7 to -20 V -4.75 -5.25 V IO = 1 to 70 mA, VI = -10 V -4.75 -5.25 ΔVO Line regulation VI = -7 to -20 V, TJ = 25°C 150 mV VI = -8 to -20 V, TJ = 25°C 100 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 60 mV IO = 1 to 40 mA, TJ = 25°C 30 Id Quiescent current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = -8 to -20 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 40 µV SVR Supply voltage rejection VI = -8 to -18V, f = 120Hz IO = 40 mA, TJ = 25°C 41 49 dB Vd Dropout voltage 1.7 V |