Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L79L08C Arkusz danych(PDF) 21 Page - STMicroelectronics

Numer części L79L08C
Szczegółowy opis  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L08C Arkusz danych(HTML) 21 Page - STMicroelectronics

Back Button L79L08C Datasheet HTML 14Page - STMicroelectronics L79L08C Datasheet HTML 15Page - STMicroelectronics L79L08C Datasheet HTML 16Page - STMicroelectronics L79L08C Datasheet HTML 17Page - STMicroelectronics L79L08C Datasheet HTML 18Page - STMicroelectronics L79L08C Datasheet HTML 19Page - STMicroelectronics L79L08C Datasheet HTML 20Page - STMicroelectronics L79L08C Datasheet HTML 21Page - STMicroelectronics L79L08C Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
L79LxxAB - L79LxxAC - L79LxxC
Revision history
21/22
7
Revision history
Table 17.
Document revision history
Date
Revision
Changes
14-Mar-2005
9
Add Tape & Reel for TO-92.
15-Mar-2005
10
Add note on Table 3.
23-Dec-2005
11
Mistake on ordering Table in Header.
12-Sep-2006
12
Order codes updated.
25-Jul-2007
13
Pin connection for SOT-89 updated on Figure 2, add Table 1 in cover page.
04-Dec-2007
14
Modified: Table 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com