| Zakładka z wyszukiwarką danych komponentów |
|
STA2416 Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2416 Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 38 page ![]() General specification STA2416 22/38 6.4 Master reset When the device’s reset is held active (NRESET is low), UART1_TXD and UART2_TXD are set to input state. When the NRESET returns high, the device starts to boot. Note: The device should be held in active reset for minimum 20 ms in order to guarantee a complete reset of the device. 6.5 Interrupts/wake-up All GPIOs can be used both as external interrupt source and as wake-up source. In addition the chip can be woken-up by USB, UART1_RXD, UART2_RXD, INT1, INT2. 6.6 V1.2 detailed functionality - extended SCO User perspective - extended SCO This function gives improved voice quality since it enables the possibility to retransmit lost or corrupted voice packets in both directions. Technical perspective - extended SCO eSCO incorporates CRC, negotiable data rate, negotiable retransmission window and multi-slot packets. Retransmission of lost or corrupted packets during the retransmission window guarantees on-time delivery. Figure 4. eSCO SCO SCO SCO SCO ACL SCO SCO ACL t eSCO retransmission window |