Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA2416 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części STA2416
Szczegółowy opis  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 19Page - STMicroelectronics STA2416 Datasheet HTML 20Page - STMicroelectronics STA2416 Datasheet HTML 21Page - STMicroelectronics STA2416 Datasheet HTML 22Page - STMicroelectronics STA2416 Datasheet HTML 23Page - STMicroelectronics STA2416 Datasheet HTML 24Page - STMicroelectronics STA2416 Datasheet HTML 25Page - STMicroelectronics STA2416 Datasheet HTML 26Page - STMicroelectronics STA2416 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
STA2416
General specification
23/38
6.7
V1.2 detailed functionality - adaptive frequency hopping
User perspective - adaptive frequency hopping
In the Bluetooth™ specification 1.1 the Bluetooth devices hop in the 2.4 GHz band over
79-channels. Since WLAN 802.11 has become popular, there are specification
improvements in the 1.2-SIG spec for Bluetooth where the Bluetooth units can avoid the
jammed bands and thereby provide an improved co-existence with WLAN.
Technical perspective - adaptive frequency hopping
Figure 5.
AFH
First the Master and/or the Slaves identify the jammed channels. The Master decides on the
channel distribution and informs the involved slaves. The Master and the Slaves, at a
predefined instant, switch to the new channel distribution scheme.
No longer jammed channels are re-inserted into the channel distribution scheme. AFH uses
the same hop frequency for transmission as for reception
6.8
V1.2 detailed functionality - faster connection
User perspective - faster connection
This feature gives the User about 65% faster connection on average when enabled
compared to Bluetooth™ specification 1.1 connection procedure.
Technical perspective - faster connection
The faster Inquiry functionality is based on a removed/shortened random back off and also a
new Interlaced Inquiry scan scheme.
The faster Page functionality is based on Interlaced Page Scan.
t
WLAN used frequency
WLAN used frequency
t
f
f
AFH(79)
AFH(19<N<79)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38