Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ARSP1726 Arkusz danych(PDF) 1 Page - Infinite Electronics International, Inc.

Numer części ARSP1726
Szczegółowy opis  RP-SMA PLUG SOLDERLESS R/A LMR195
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARSP1726 Arkusz danych(HTML) 1 Page - Infinite Electronics International, Inc.

  ARSP1726 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.97
24.5
.50
12.7
.31
8.0
HEX
.33
8.3
.05
1.2
.20
5.0
.213
5.41
RECOMMENDED
CRIMP SIZE
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: <1.50 @ 0~6 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
NO SOLDERING REQUIRED FOR CENTER CONDUCTOR.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
RECOMMENDED
CABLE STRIPPING
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
DIELECTRIC
PTFE
-
CENTER PIN
BRASS
GOLD PLATE
RETAINING RING
BRASS
-
GASKET
RUBBER
-
SHELL
BRASS
NICKEL PLATE
FERRULE
BRASS
NICKEL PLATE
CAP
BRASS
NICKEL PLATE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ARSP-1726
A
ARSP-1726.SLDDRW
1
1
K.BURGNER
11/5/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
11/5/12
11/5/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
RP-SMA PLUG SOLDERLESS R/A LMR195
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
11/5/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Podobny numer części - ARSP1726

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infinite Electronics In...
ARSP1728 L-COM-ARSP1728 Datasheet
51Kb / 1P
CON,RP-SMA PLUG EZ LMR195
3/7/13
More results

Podobny opis - ARSP1726

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
135103-01-06.00 AMPHENOL-135103-01-06.00 Datasheet
42Kb / 1P
SMA STRAIGHT PLUG TO SMA R/A PLUG, RG316
135103-02-06.00 AMPHENOL-135103-02-06.00 Datasheet
42Kb / 1P
SMA STRAIGHT PLUG TO SMA R/A PLUG RG174
135103-04-06.00 AMPHENOL-135103-04-06.00 Datasheet
43Kb / 1P
SMA STRAIGHT PLUG TO SMA R/A PLUG RG58
135104-01-06.00 AMPHENOL-135104-01-06.00 Datasheet
41Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG316
135104-02-06.00 AMPHENOL-135104-02-06.00 Datasheet
41Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG174
135104-03-06.00 AMPHENOL-135104-03-06.00 Datasheet
42Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG316 DB
135104-04-06.00 AMPHENOL-135104-04-06.00 Datasheet
42Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG58
132339 AMPHENOL-132339 Datasheet
53Kb / 1P
SMA R/A PLUG-PLUG ADAPTER
logo
List of Unclassifed Man...
R300124403 ETC2-R300124403 Datasheet
48Kb / 2P
RP SMA R/A SOLDER TYPE PCB RECEPTACLE
AMPH-S-A0001288908-1 ETC-AMPH-S-A0001288908-1 Datasheet
87Kb / 1P
SMA R/A CRIMP PLUG
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com