Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP50 Arkusz danych(PDF) 2 Page - SYC Electronica

Numer części TIP50
Szczegółowy opis  High Voltage and Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYC [SYC Electronica]
Strona internetowa  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIP50 Arkusz danych(HTML) 2 Page - SYC Electronica

  TIP50 Datasheet HTML 1Page - SYC Electronica TIP50 Datasheet HTML 2Page - SYC Electronica TIP50 Datasheet HTML 3Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
0.01
0.1
1
4
1
10
100
1000
V
CE = 10V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
4
0.01
0.1
1
10
I
C = 5 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
TIP49
TIP48
TIP47
TIP50
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
T
C[
o
C], CASE TEMPERATURE



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com