Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP50 Arkusz danych(PDF) 1 Page - SYC Electronica

Numer części TIP50
Szczegółowy opis  High Voltage and Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYC [SYC Electronica]
Strona internetowa  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIP50 Arkusz danych(HTML) 1 Page - SYC Electronica

  TIP50 Datasheet HTML 1Page - SYC Electronica TIP50 Datasheet HTML 2Page - SYC Electronica TIP50 Datasheet HTML 3Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. A, February 2000
NPN Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300µs, duty Cycleµ2% Pulse
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP47
: TIP48
: TIP49
: TIP50
350
400
450
500
V
V
V
V
VCEO
Collector-Emitter Voltage
: TIP47
: TIP48
: TIP49
: TIP50
250
300
350
400
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
1
A
ICP
Collector Current (Pulse)
2
A
IB
Base Current
0.6
A
PC
Collector Dissipation (TC=25°C)
40
W
PC
Collector Dissipation (Ta=25°C)
2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEX(sus)
Collector-Emitter Sustaining Voltage
: TIP47
: TIP48
: TIP49
: TIP50
IC = 30mA, IB = 0
250
300
350
400
V
V
V
V
ICEO
Collector Cut-off Current : TIP47
: TIP48
: TIP49
: TIP50
VCE = 150V, IB = 0
VCE = 200V, IB = 0
VCE = 250V, IB = 0
VCE = 300V, IB = 0
1
1
1
1
mA
mA
mA
mA
ICEX
Collector Cut-off Current : TIP47
: TIP48
: TIP49
: TIP50
VCE = 350V, VBE = 0
VCE = 400V, VBE = 0
VCE = 450V, VBE = 0
VCE = 500V, VBE = 0
1
1
1
1
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
* DC Current Gain
VCE = 10V, IC = 0.3A
VCE = 10V, IC = 1A
30
10
150
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
1
V
VBE(sat)
* Base-Emitter Saturation Voltage
VCE = 10V, IC = 1A
1.5
V
fT
Current Gain Bandwidth Product
VCE =10V, IC = 0.2A
10
MHz
tON
Turn ON Time
VCC = 400V
5IB1 = -2.5IB2 = IC = 6A
RL = 66.7Ω
0.5
µs
tSTG
Storage Time
3
µs
tF
Fall Time
0.3
µs
TIP47/48/49/50
High Voltage and Switching Applications
• High Sustaining Voltage : VCEO(sus) = 250 - 400V
• 1A Rated Collector Current
1.Base
2.Collector
3.Emitter
1
TO-220


Podobny numer części - TIP50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP50 POINN-TIP50 Datasheet
119Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP50 STMICROELECTRONICS-TIP50 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
More results

Podobny opis - TIP50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TIP47 FAIRCHILD-TIP47 Datasheet
37Kb / 4P
High Voltage and Switching Applications
logo
Toshiba Semiconductor
2SC5465 TOSHIBA-2SC5465 Datasheet
168Kb / 4P
SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5173 TOSHIBA-2SC5173 Datasheet
232Kb / 4P
HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
2SC5562 TOSHIBA-2SC5562 Datasheet
131Kb / 3P
SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5684 TOSHIBA-2SC5684 Datasheet
129Kb / 3P
SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
TBF871 TOSHIBA-TBF871 Datasheet
121Kb / 4P
HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
01-Dec-2004
2SC5173 TOSHIBA-2SC5173_04 Datasheet
143Kb / 4P
High-Voltage Switching and Amplifier Applications
logo
Fairchild Semiconductor
TIP50TU FAIRCHILD-TIP50TU Datasheet
486Kb / 5P
High Voltage and Switching Applications
logo
Toshiba Semiconductor
2SD685 TOSHIBA-2SD685 Datasheet
228Kb / 3P
IGNITER APPLICATIONS. HIGH VOLTAGE AND HIGH POWER SWITCHING APPLICATIONS.
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com