| Zakładka z wyszukiwarką danych komponentów |
|
STG3482 Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STG3482 Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 14 page ![]() STG3482 Electrical characteristics 9/14 Table 8. Analog switch characteristics (CL = 5pF, RL = 50Ω, TA = 25°C) Symbol Parameter Test conditions Value Unit Vcc (V) TA = 25 °C -40 to 85 °C Min Typ Max Min Max OIRR OFF Isolation (1) 1.65 −− 4.3 VS = 1VRMS, f = 1 MHz Signal = 0 dBm -75 dB VS = 1VRMS, f = 10 MHz Signal = 0 dBm -58 Xtalk Crosstalk 1.65 −− 4.3 VS = 1VRMS, f = 1 MHz Signal = 0 dBm -77 dB VS = 1VRMS, f = 10 MHz Signal = 0 dBm -60 THD Total harmonic distortion 3.7 f = 20 Hz to 20 kHz RL = 32 Ω, CL=50 Ω VIN = 2.8 VP-P VDC = VCC/2 0.01 0.02 % PSRR Power supply rejection ratio 3.7 f = 217 Hz, RL = 32 Ω, CL = 50 Ω Vripple = 150 mV VDC = VCC/2 -60 dB BW -3dB bandwidth 3.0 −− 4.3 RL = 50 Ω Bias = 1 V 300 MHz DG Differential gain 3.0 −− 4.3 RL = 150 Ω 0.64 % DP Differential phase 3.0 −− 4.3 RL = 150 Ω 0.1 deg CIN Control pin input capacitance VCC = 0 V 1.5 pF CON Sn port capacitance when switch is enabled 3.3 f = 1 MHz 6.7 COFF Sn port capacitance when switch is disabled 3.3 f = 1 MHz 2.8 1. Off Isolation = 20Log10 (VD/VS), VD = output. VS = input to off switch. |