| Zakładka z wyszukiwarką danych komponentów |
|
STG3482 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STG3482 Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 14 page ![]() STG3482 Maximum rating 5/14 3 Maximum rating Stressing the device above the rating listed in the “Absolute maximum ratings” table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. 3.1 Recommended operating conditions Table 4. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage -0.5 to 5.5 V VI DC input voltage -0.5 to VCC + 0.5 V VIC DC control input voltage -0.5 to 5.5 V VO DC output voltage -0.5 to VCC + 0.5 V IIKC DC input diode current on control pin (VSEL<0V) -50 mA IIK DC input diode current (VSEL<0V) ±50 mA IOK DC output diode current ±20 mA IO DC output current ±128 mA IOP DC output current peak (pulse at 1ms, 10% duty cycle) ±300 mA ICC or IGND DC VCC or ground current ±100 mA PD Power dissipation at TA = 70ºC (1) 1. Derate above 70 ºC by 18.5 mW/C 1120 mW Tstg Storage temperature -65 to 150 °C TL Lead temperature (10 sec) 300 °C Table 5. Recommended operating conditions Symbol Parameter Value Unit VCC Supply voltage 1.65 to 4.3 V VI Input voltage 0 to VCC V VIC Control input voltage 0 to 4.3 V VO Output voltage 0 to VCC V Top Operating temperature -40 to 85 °C dt/dv Input rise and fall time control input VCC = 1.65 to 2.7 V 0 to 20 ns/V VCC = 3.0 to 4.3 V 0 to 10 |