Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UBW1H331MHD Arkusz danych(PDF) 3 Page - Nichicon corporation

Numer części UBW1H331MHD
Szczegółowy opis  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NICHICON [Nichicon corporation]
Strona internetowa  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBW1H331MHD Arkusz danych(HTML) 3 Page - Nichicon corporation

  UBW1H331MHD Datasheet HTML 1Page - Nichicon corporation UBW1H331MHD Datasheet HTML 2Page - Nichicon corporation UBW1H331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(135℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
80
(1K)
22
8×11.5
0.08
52.8
1.50
150
UBW1K220MPD
33
10×12.5
0.08
79.2
0.80
480
UBW1K330MPD
47
10×12.5
0.08
112.8
0.80
480
UBW1K470MPD
100
10×20
0.08
240
0.39
790
UBW1K101MPD
220
12.5×25
0.08
528
0.18
1240
UBW1K221MHD
330
12.5×30.5
0.08
792
0.16
1390
UBW1K331MHD
470
16×25
0.08
1128
0.11
1500
UBW1K471MHD
100
(2A)
10
8×11.5
0.08
30
1.50
150
UBW2A100MPD
22
10×12.5
0.08
66
0.80
480
UBW2A220MPD
33
10×12.5
0.08
99
0.80
480
UBW2A330MPD
47
10×16
0.08
141
0.55
630
UBW2A470MPD
100
12.5×20
0.08
300
0.25
990
UBW2A101MHD
220
16×25
0.08
660
0.11
1500
UBW2A221MHD
330
16×30.5
0.08
990
0.079
1790
UBW2A331MHD
UBW
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com