Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UBW1H331MHD Arkusz danych(PDF) 2 Page - Nichicon corporation

Numer części UBW1H331MHD
Szczegółowy opis  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NICHICON [Nichicon corporation]
Strona internetowa  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBW1H331MHD Arkusz danych(HTML) 2 Page - Nichicon corporation

  UBW1H331MHD Datasheet HTML 1Page - Nichicon corporation UBW1H331MHD Datasheet HTML 2Page - Nichicon corporation UBW1H331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UBW
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(135℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
10
(1A)
220
8×11.5
0.20
66
0.26
340
UBW1A221MPD
330
10×12.5
0.20
99
0.15
620
UBW1A331MPD
470
10×12.5
0.20
141
0.10
680
UBW1A471MPD
1000
10×20
0.20
300
0.057
1100
UBW1A102MPD
2200
12.5×25
0.22
660
0.033
1750
UBW1A222MHD
3300
16×25
0.24
990
0.024
2300
UBW1A332MHD
4700
16×30.5
0.26
1410
0.020
2710
UBW1A472MHD
16
(1C)
100
8×11.5
0.16
48
0.32
340
UBW1C101MPD
220
10×12.5
0.16
105.6
0.15
620
UBW1C221MPD
330
10×12.5
0.16
158.4
0.10
680
UBW1C331MPD
470
10×16
0.16
225.6
0.075
945
UBW1C471MPD
1000
12.5×20
0.16
480
0.042
1490
UBW1C102MHD
2200
16×25
0.18
1056
0.024
2300
UBW1C222MHD
3300
16×30.5
0.20
1584
0.020
2710
UBW1C332MHD
25
(1E)
100
8×11.5
0.14
75
0.13
500
UBW1E101MPD
220
10×12.5
0.14
165
0.10
680
UBW1E221MPD
330
10×16
0.14
247.5
0.075
945
UBW1E331MPD
470
10×20
0.14
352.5
0.057
1100
UBW1E471MPD
1000
12.5×25
0.14
750
0.033
1750
UBW1E102MHD
2200
16×30.5
0.16
1650
0.020
2710
UBW1E222MHD
35
(1V)
100
10×12.5
0.12
105
0.15
620
UBW1V101MPD
220
10×16
0.12
231
0.094
790
UBW1V221MPD
330
10×20
0.12
346.5
0.075
950
UBW1V331MPD
470
12.5×20
0.12
493.5
0.058
1330
UBW1V471MHD
1000
16×25
0.12
1050
0.031
2010
UBW1V102MHD
50
(1H)
4.7
8×11.5
0.10
7.05
1.15
85
UBW1H4R7MPD
10
8×11.5
0.10
15
0.75
180
UBW1H100MPD
22
8×11.5
0.10
33
0.50
250
UBW1H220MPD
33
8×11.5
0.10
49.5
0.45
300
UBW1H330MPD
47
8×11.5
0.10
70.5
0.35
440
UBW1H470MPD
100
10×12.5
0.10
150
0.18
555
UBW1H101MPD
220
10×20
0.10
330
0.098
930
UBW1H221MPD
330
12.5×20
0.10
495
0.070
1330
UBW1H331MHD
470
12.5×25
0.10
705
0.055
1650
UBW1H471MHD
1000
16×30.5
0.10
1500
0.031
2430
UBW1H102MHD
63
(1J)
22
8×11.5
0.10
41.58
2.00
130
UBW1J220MPD
33
8×11.5
0.10
62.37
1.50
150
UBW1J330MPD
47
10×12.5
0.10
88.83
0.59
530
UBW1J470MPD
100
10×16
0.10
189
0.41
690
UBW1J101MPD
220
12.5×20
0.10
415.8
0.16
1050
UBW1J221MHD
330
12.5×25
0.10
623.7
0.12
1290
UBW1J331MHD
470
12.5×30.5
0.10
888.3
0.097
1460
UBW1J471MHD
1000
16×30.5
0.10
1890
0.055
1900
UBW1J102MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com