Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSL1014IF Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części TSL1014IF
Szczegółowy opis  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IF Arkusz danych(HTML) 2 Page - STMicroelectronics

  TSL1014IF Datasheet HTML 1Page - STMicroelectronics TSL1014IF Datasheet HTML 2Page - STMicroelectronics TSL1014IF Datasheet HTML 3Page - STMicroelectronics TSL1014IF Datasheet HTML 4Page - STMicroelectronics TSL1014IF Datasheet HTML 5Page - STMicroelectronics TSL1014IF Datasheet HTML 6Page - STMicroelectronics TSL1014IF Datasheet HTML 7Page - STMicroelectronics TSL1014IF Datasheet HTML 8Page - STMicroelectronics TSL1014IF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute maximum ratings and operating conditions
TSL1014
2/15
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (VDD-VSS)18
V
VIN
Input voltage
VSS -0.5V to VDD +0.5V
V
IOUT
Output current (A to N buffers)
Output current (Com buffer)
30
100
mA
ISC
Short circuit current (A to N buffers)
Short circuit current (Com buffer)
±120
±300
mA
PD
Power dissipation(1) for TQFP48
1.
PD is calculated with Tamb = 25°C, TJ = 150°C and RTHJA = 85°C/W for the TQFP48 package.
1470
mW
RTHJA
Thermal resistance junction to ambient for TQFP48
85
°C/W
TLEAD
Lead temperature (soldering 10 seconds)
260
°C
TSTG
Storage temperature
-65 to +150
°C
TJ
Junction temperature
150
°C
ESD
Human body model (HBM)(2)
2.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2000
V
Machine model (MM)(3)
3.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (VDD-VSS)
5.5 to 16.8
V
Tamb
Ambient temperature
-40 to +85
°C
VIN
Input voltage (Buffers A & B)
VSS +1.5V to VDD
V
Input voltage (Buffers C to N + COM)
VSS to VDD -1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15