Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSL1014IF Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części TSL1014IF
Szczegółowy opis  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IF Arkusz danych(HTML) 4 Page - STMicroelectronics

  TSL1014IF Datasheet HTML 1Page - STMicroelectronics TSL1014IF Datasheet HTML 2Page - STMicroelectronics TSL1014IF Datasheet HTML 3Page - STMicroelectronics TSL1014IF Datasheet HTML 4Page - STMicroelectronics TSL1014IF Datasheet HTML 5Page - STMicroelectronics TSL1014IF Datasheet HTML 6Page - STMicroelectronics TSL1014IF Datasheet HTML 7Page - STMicroelectronics TSL1014IF Datasheet HTML 8Page - STMicroelectronics TSL1014IF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
TSL1014
4/15
3
Electrical characteristics
Note:
Limits are 100% production tested at 25°C. Behavior at the temperature range limits is
guaranteed through correlation and by design.
Table 3.
Electrical characteristics for Tamb = 25°C , VDD =+5V, VSS =-5V, RL =10kΩ, CL = 10pF
(unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
VICM = 0V
12
mV
ΔVIO
Input offset voltage drift
-40°C < Tamb < +85°C
5
μV/°C
IIB
Input bias current
VICM = 0V, buffers A & B
VICM = 0V, buffers C to N & COM
140
70
nA
RIN
Input impedance
1
G
Ω
CIN
Input capacitance
1.35
pF
VOL
Output voltage low
IOUT =-5mA
Buffers C to L
Buffers M, N & COM
-4.85
-4.92
-4.80
-4.85
V
VOH
Output voltage high
IOUT = 5mA for positive single-supply
buffers (A & B)
4.82
4.87
V
IOUT
Output current
(A to N buffers)
±30
mA
Com buffer
±100
PSRR
Power supply rejection ratio
VCC= 6.5 to 15.5V
80
100
dB
ICC
Supply current
No load
4.5
8
mA
SR
Slew rate
(rising & falling edge)
-4V < VOUT < +4V
20% to 80%
1V/
μs
ts
Settling time
Settling to 0.1%, VOUT=2V step
5
μs
BW
Bandwidth at -3dB
RL=10kΩ, CL=10pF
2
MHz
Gm
Phase margin
RL=10kΩ, CL=10pF
60
degrees
Cs
Channel separation
f=1MHz
75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15