Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AX Arkusz danych(PDF) 53 Page - STMicroelectronics

Numer części STM32L496AX
Szczegółowy opis  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AX Arkusz danych(HTML) 53 Page - STMicroelectronics

Back Button STM32L496AX Datasheet HTML 49Page - STMicroelectronics STM32L496AX Datasheet HTML 50Page - STMicroelectronics STM32L496AX Datasheet HTML 51Page - STMicroelectronics STM32L496AX Datasheet HTML 52Page - STMicroelectronics STM32L496AX Datasheet HTML 53Page - STMicroelectronics STM32L496AX Datasheet HTML 54Page - STMicroelectronics STM32L496AX Datasheet HTML 55Page - STMicroelectronics STM32L496AX Datasheet HTML 56Page - STMicroelectronics STM32L496AX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 262 page
background image
DocID029173 Rev 1
53/262
STM32L496xx
Functional overview
60
3.30
Universal synchronous/asynchronous receiver transmitter
(USART)
The STM32L496xx devices have three embedded universal synchronous receiver
transmitters (USART1, USART2 and USART3) and two universal asynchronous receiver
transmitters (UART4, UART5).
These interfaces provide asynchronous communication, IrDA SIR ENDEC support,
multiprocessor communication mode, single-wire half-duplex communication mode and
have LIN Master/Slave capability. They provide hardware management of the CTS and RTS
signals, and RS485 Driver Enable. They are able to communicate at speeds of up to
10Mbit/s.
USART1, USART2 and USART3 also provide Smart Card mode (ISO 7816 compliant) and
SPI-like communication capability.
All USART have a clock domain independent from the CPU clock, allowing the USARTx
(x=1,2,3,4,5) to wake up the MCU from Stop mode using baudrates up to 204 Kbaud. The
wake up events from Stop mode are programmable and can be:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
All USART interfaces can be served by the DMA controller.
Table 12. STM32L496xx USART/UART/LPUART features
USART modes/features(1)
USART1 USART2 USART3 UART4
UART5
LPUART1
Hardware flow control for modem
XXXXX
X
Continuous communication using DMA
XXXXX
X
Multiprocessor communication
XXXXX
X
Synchronous mode
X
X
X
-
-
-
Smartcard mode
X
X
X
-
-
-
Single-wire half-duplex communication
XXXXX
X
IrDA SIR ENDEC block
XXXXX
-
LIN mode
XXXXX
-
Dual clock domain
XXXXX
X
Wakeup from Stop 0 / Stop 1 modes
XXXXX
X
Wakeup from Stop 2 mode
-----
X
Receiver timeout interrupt
XXXXX
-
Modbus communication
XXXXX
-
Auto baud rate detection
X (4 modes)
-
Driver Enable
XXXXX
X
LPUART/USART data length
7, 8 and 9 bits
1. X = supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com