Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AX Arkusz danych(PDF) 210 Page - STMicroelectronics

Numer części STM32L496AX
Szczegółowy opis  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AX Arkusz danych(HTML) 210 Page - STMicroelectronics

Back Button STM32L496AX Datasheet HTML 206Page - STMicroelectronics STM32L496AX Datasheet HTML 207Page - STMicroelectronics STM32L496AX Datasheet HTML 208Page - STMicroelectronics STM32L496AX Datasheet HTML 209Page - STMicroelectronics STM32L496AX Datasheet HTML 210Page - STMicroelectronics STM32L496AX Datasheet HTML 211Page - STMicroelectronics STM32L496AX Datasheet HTML 212Page - STMicroelectronics STM32L496AX Datasheet HTML 213Page - STMicroelectronics STM32L496AX Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 262 page
background image
Electrical characteristics
STM32L496xx
210/262
DocID029173 Rev 1
SAI characteristics
Unless otherwise specified, the parameters given in Table 98 for SAI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage condi-
tions summarized inTable 22: General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CK,SD,FS).
Table 98. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
SAI Main clock output
-
-
50
MHz
fCK
SAI clock frequency(2)
Master transmitter
2.7 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-21.5
MHz
Master transmitter
1.71 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-13.5
Master receiver
Voltage Range 1
-25
Slave transmitter
2.7 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-20
Slave transmitter
1.71 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-13.5
Slave receiver
Voltage Range 1
-25
Voltage Range 2
-
13
1.08 V ≤ VDD ≤ 1.32 V
-
7
tv(FS)
FS valid time
Master mode
2.7 V ≤ VDD ≤ 3.6 V
-22
ns
Master mode
1.71 V ≤ VDD ≤ 3.6 V
-40
th(FS)
FS hold time
Master mode
10
-
ns
tsu(FS)
FS setup time
Slave mode
1
-
ns
th(FS)
FS hold time
Slave mode
2
-
ns
tsu(SD_A_MR)
Data input setup time
Master receiver
1
-
ns
tsu(SD_B_SR)
Slave receiver
1
-
th(SD_A_MR)
Data input hold time
Master receiver
5
-
ns
th(SD_B_SR)
Slave receiver
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com