Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AX Arkusz danych(PDF) 220 Page - STMicroelectronics

Numer części STM32L496AX
Szczegółowy opis  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AX Arkusz danych(HTML) 220 Page - STMicroelectronics

Back Button STM32L496AX Datasheet HTML 216Page - STMicroelectronics STM32L496AX Datasheet HTML 217Page - STMicroelectronics STM32L496AX Datasheet HTML 218Page - STMicroelectronics STM32L496AX Datasheet HTML 219Page - STMicroelectronics STM32L496AX Datasheet HTML 220Page - STMicroelectronics STM32L496AX Datasheet HTML 221Page - STMicroelectronics STM32L496AX Datasheet HTML 222Page - STMicroelectronics STM32L496AX Datasheet HTML 223Page - STMicroelectronics STM32L496AX Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 262 page
background image
Electrical characteristics
STM32L496xx
220/262
DocID029173 Rev 1
Table 106. Asynchronous multiplexed PSRAM/NOR read timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
3THCLK -1
3THCLK+1
ns
tv(NOE_NE) FMC_NEx low to FMC_NOE low
2THCLK
2THCLK+0.5
tw(NOE)
FMC_NOE low time
THCLK - 1
THCLK+1
th(NE_NOE) FMC_NOE high to FMC_NE high hold time
0
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0.5
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
0.5
tw(NADV)
FMC_NADV low time
THCLK - 0.5
THCLK+1
th(AD_NADV)
FMC_AD(address) valid hold time after
FMC_NADV high
THCLK + 0.5
-
th(A_NOE)
Address hold time after FMC_NOE high
THCLK - 0.5
-
th(BL_NOE) FMC_BL time after FMC_NOE high
0
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
0.5
tsu(Data_NE) Data to FMC_NEx high setup time
THCLK-1
-
tsu(Data_NOE) Data to FMC_NOE high setup time
THCLK-1
-
th(Data_NE) Data hold time after FMC_NEx high
0
-
th(Data_NOE) Data hold time after FMC_NOE high
0
-
Table 107. Asynchronous multiplexed PSRAM/NOR read-NWAIT timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
8THCLK+ 1
8THCLK+ 1
ns
tw(NOE)
FMC_NWE low time
5THCLK - 1.5 5THCLK+ 0.5
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5THCLK +0.5
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT invalid
4THCLK+1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com