Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AX Arkusz danych(PDF) 229 Page - STMicroelectronics

Numer części STM32L496AX
Szczegółowy opis  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AX Arkusz danych(HTML) 229 Page - STMicroelectronics

Back Button STM32L496AX Datasheet HTML 225Page - STMicroelectronics STM32L496AX Datasheet HTML 226Page - STMicroelectronics STM32L496AX Datasheet HTML 227Page - STMicroelectronics STM32L496AX Datasheet HTML 228Page - STMicroelectronics STM32L496AX Datasheet HTML 229Page - STMicroelectronics STM32L496AX Datasheet HTML 230Page - STMicroelectronics STM32L496AX Datasheet HTML 231Page - STMicroelectronics STM32L496AX Datasheet HTML 232Page - STMicroelectronics STM32L496AX Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 262 page
background image
DocID029173 Rev 1
229/262
STM32L496xx
Electrical characteristics
235
NAND controller waveforms and timings
Figure 51 through Figure 54 represent synchronous waveforms, and Table 114 and
Table 115 provide the corresponding timings. The results shown in these tables are
obtained with the following FMC configuration:
•
COM.FMC_SetupTime = 0x01
•
COM.FMC_WaitSetupTime = 0x03
•
COM.FMC_HoldSetupTime = 0x02
•
COM.FMC_HiZSetupTime = 0x01
•
ATT.FMC_SetupTime = 0x01
•
ATT.FMC_WaitSetupTime = 0x03
•
ATT.FMC_HoldSetupTime = 0x02
•
ATT.FMC_HiZSetupTime = 0x01
•
Bank = FMC_Bank_NAND
•
MemoryDataWidth = FMC_MemoryDataWidth_16b
•
ECC = FMC_ECC_Enable
•
ECCPageSize = FMC_ECCPageSize_512Bytes
•
TCLRSetupTime = 0
•
TARSetupTime = 0
In all timing tables, the THCLK is the HCLK clock period.
Table 113. Synchronous non-multiplexed PSRAM write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
2THCLK-0.5
-
ns
td(CLKL-NExL)
FMC_CLK low to FMC_NEx low (x=0..2)
-
2
td(CLKH-NExH)
FMC_CLK high to FMC_NEx high (x= 0…2)
THCLK+0.5
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
0.5
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
0
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
4
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
0
-
td(CLKL-NWEL)
FMC_CLK low to FMC_NWE low
-
1.5
td(CLKH-NWEH) FMC_CLK high to FMC_NWE high
THCLK+1
-
td(CLKL-Data)
FMC_D[15:0] valid data after FMC_CLK low
-
3
td(CLKL-NBLL)
FMC_CLK low to FMC_NBL low
1.5
-
td(CLKH-NBLH)
FMC_CLK high to FMC_NBL high
THCLK+0.5
-
tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
2
-
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
3.5
-
1. CL = 30 pF.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com