Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB.B Arkusz danych(PDF) 13 Page - Texas Instruments

Numer części LP5523TM/NOPB.B
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB.B Arkusz danych(HTML) 13 Page - Texas Instruments

Back Button LP5523TM/NOPB.B Datasheet HTML 9Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 10Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 11Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 12Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 13Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 14Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 15Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 16Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
REG
1.5X
V
,
1.5 x V
, ROUT
VIN
VOUT
-25
0
25
50
75
TEMPERATURE °C
0
25
50
75
100
MAXIMUM
SLOPE VALUE
MINIMUM
SLOPE VALUE
NO
COMP.
13
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 13. Temperature Compensation Principle
Compensation is effective over the temperature range
−40°C to +90°C.
7.3.5 Charge Pump Operational Description
7.3.5.1 Overview
The LP5523 includes a pre-regulated switched-capacitor charge pump with a programmable voltage
multiplication of 1× and 1.5×. In 1.5× mode, by combining the principles of a switched-capacitor charge pump
and a linear regulator, a regulated 4.5-V output is generated from the Li-Ion input voltage range. A two-phase
non-overlapping clock generated internally controls the operation of the charge pump. During the charge phase,
both flying capacitors (C1 and C2) are charged from input voltage. In the pump phase that follows, the flying
capacitors are discharged to output. A traditional switched-capacitor charge pump operating in this manner uses
switches with very low on-resistance, ideally 0
Ω, to generate an output voltage that is 1.5× the input voltage.
The LP5523 regulates the output voltage by controlling the resistance of the input-connected pass-transistor
switches in the charge pump.
7.3.5.2 Output Resistance
At lower input voltages, the charge pump output voltage may degrade due to effective output resistance (ROUT) of
the charge pump. The expected voltage drop can be calculated by using a simple model for the charge pump
shown in Figure 14.
Figure 14. Charge Pump Output Resistance Model
The model shows a linear pre-regulation block (REG), a voltage multiplier (1.5×), and an output resistance
(ROUT). Output resistance models the output voltage drop that is inherent to switched capacitor converters. The
output resistance is 3.5
Ω (typical), and it is a function of switching frequency, input voltage, capacitance value of
the flying capacitor, internal resistances of the switches, and ESR of the flying capacitors. When the output
voltage is in regulation, the regulator in the model controls the voltage V’ to keep the output voltage equal to 4.5
V (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com