Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB.B Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LP5523TM/NOPB.B
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB.B Arkusz danych(HTML) 2 Page - Texas Instruments

  LP5523TM/NOPB.B Datasheet HTML 1Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 2Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 3Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 4Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 5Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 6Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 7Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 8Page - Texas Instruments LP5523TM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
2
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Charge Pump Electrical Characteristics .................. 6
6.7
LED Driver Electrical Characteristics ........................ 6
6.8
LED Test Electrical Characteristics .......................... 6
6.9
Logic Interface Characteristics ................................. 7
6.10
Recommended External Clock Source Conditions . 7
6.11
Serial Bus Timing Parameters (SDA, SCL) ............ 8
6.12
Typical Characteristics ............................................ 9
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 17
7.5
Programming........................................................... 19
7.6
Register Maps ......................................................... 22
8
Application and Implementation ........................ 49
8.1
Application Information............................................ 49
8.2
Typical Applications ................................................ 49
9
Power Supply Recommendations ...................... 53
10
Layout................................................................... 54
10.1
Layout Guidelines ................................................. 54
10.2
Layout Example .................................................... 54
11
Device and Documentation Support ................. 55
11.1
Device Support .................................................... 55
11.2
Receiving Notification of Documentation Updates 55
11.3
Community Resources.......................................... 55
11.4
Trademarks ........................................................... 55
11.5
Electrostatic Discharge Caution ............................ 55
11.6
Glossary ................................................................ 55
12
Mechanical, Packaging, and Orderable
Information ........................................................... 55
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (May 2013) to Revision E
Page
•
Changed title of data sheet for SEO ..................................................................................................................................... 1
•
Added Device Information and Pin Configuration and Functions sections, ESD Ratings and Thermal Information
tables, Feature Description, Device Functional Modes, Application and Implementation, Power Supply
Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable
Information sections................................................................................................................................................................ 1
•
Changed RθJA value from "87°C/W" to "60.9°C/W" ................................................................................................................ 5
•
Added values in the Thermal Information table to align with JEDEC standards. .................................................................. 5
Changes from Revision C (April 2013) to Revision D
Page
•
Changed layout of National Semiconductor data sheet to TI format.................................................................................... 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com