Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSF0102 Arkusz danych(PDF) 18 Page - Texas Instruments

Numer części LSF0102
Szczegółowy opis  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Arkusz danych(HTML) 18 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments LSF0102 Datasheet HTML 18Page - Texas Instruments LSF0102 Datasheet HTML 19Page - Texas Instruments LSF0102 Datasheet HTML 20Page - Texas Instruments LSF0102 Datasheet HTML 21Page - Texas Instruments LSF0102 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
9.4 Layout
9.4.1 Layout Guidelines
Because the LSF0102-Q1 device is a switch-type level translator, the signal integrity is dependent upon the
pull-up resistor value and PCB board parasitics. Consider the following recommendations when designing with
the LSF0102-Q1.
• Minimize the signal trace length to reduce capacitance
• Avoid using stubs in the signal path to reduce parasitics.
• Place the LSF0102-Q1 device near the high voltage side.
• Select the appropriate pull-up resistor that applies to translation levels and driving capability of transmitter.
9.4.2 Layout Example
GND
Vref_A
EN
Vref_B
A1
A2
B1
B2
LSF0102-Q1
Short Signal Trace as possible
Minimize Stub as possible
1
2
3
4
5
6
7
8
Figure 9-7. Short Trace Layout
SDIO Connector
(3.3V IO)
SD Controller
(1.8V IO)
LSF0102-Q1
SDIO level translator
Device PCB
TP1
TP2
Figure 9-8. Device Placement
LSF0102-Q1
SDLS969B – MAY 2018 – REVISED MAY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LSF0102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com