Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSF0102 Arkusz danych(PDF) 14 Page - Texas Instruments

Numer części LSF0102
Szczegółowy opis  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Arkusz danych(HTML) 14 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments LSF0102 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
The appropriate pull up resistor will depend on the current requirements of the application. Table 9-2 provides
resistor values, reference voltages, and currents at 15 mA, 10 mA, and 3 mA. The resistor value shown in
the +10% column (or a larger value) should be used to ensure that the pass voltage of the transistor is 350
mV or less. The external driver must be able to sink the total current from the resistors on both sides of the
LSF0102-Q1 device at 0.175 V, although the 15 mA applies only to current flowing through the LSF0102-Q1.
Table 9-2. Pull-up Resistor Values
VPU
8 mA
5 mA
3 mA
NOMINAL (Ω)
+10%(1) (Ω)
NOMINAL (Ω)
+10%(1) (Ω)
NOMINAL (Ω)
+10%(1) (Ω)
5 V
581
639
930
1023
1550
1705
3.3 V
369
406
590
649
983
1082
2.5 V
269
296
430
473
717
788
1.8 V
181
199
290
319
483
532
1.5 V
144
158
230
253
383
422
1.2 V
106
117
170
187
283
312
(1)
+10% to compensate for VDD range and resistor tolerance
9.2.1.2.3 Application Curve
Figure 9-3. Captured Waveform From Above I2C Set-Up (1.8 V to 3.3 V at 2.5 MHz)
9.2.1.2.4 Mixed-Mode Voltage Translation
The supply voltage (VPU) for each channel can be individually set with a pull-up resistor. Figure 9-4 shows an
example of this mixed-mode multi-voltage translation. For additional details on multi-voltage translation, see the
Multi-voltage Translation with the LSF Family video.
With the Vref_B pulled up to 5 V and Vref_A connected to 1.8 V, all channels will be clamped to 1.8 V at which
point a pullup can be used to define the high level voltage for a given channel.
• Push-Pull Down Translation (5 V to 1.8 V): Channel 1 is an example of this setup. When B1 is 5 V, A1 is
clamped to 1.8 V, and when B1 is LOW, A1 is driven LOW through the switch.
• Push-Pull Up Translation (1.8 V to 5 V): Channel 2 is an example of this setup. When A2 is 1.8 V, the
switch is high impedance and the B2 channel is pulled up to 5 V. When A2 is LOW, B2 is driven LOW through
the switch.
• Push-Pull Down Translation (3.3 V to 1.8 V): Channels 3 and 4 are examples of this setup. When either B3
or B4 are driven to 3.3 V, A3 or A4 are clamped to 1.8 V, and when either B3 or B4 are LOW, A3 or A4 are
driven LOW through the switch.
• Open-Drain Bidirectional Translation (3.3 V ↔ 1.8 V): Channels 5 through 8 are examples of this setup.
These channels are for bidirectional operation for I2C and MDIO to translate between 1.8 V and 3.3 V with
open-drain drivers.
LSF0102-Q1
SDLS969B – MAY 2018 – REVISED MAY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LSF0102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com