| Zakładka z wyszukiwarką danych komponentów |
|
TL750L05CLP.A Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL750L05CLP.A Arkusz danych(HTML) 7 Page - Texas Instruments |
|
7 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL750L05CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 125 50L05C TL750L05CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 125 50L05C TL750L05CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 125 50L05C TL750L05CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 125 50L05C TL750L05CKCS Active Production TO-220 (KCS) | 3 50 | TUBE Yes SN N/A for Pkg Type 0 to 125 TL750L05C TL750L05CKCS.A Active Production TO-220 (KCS) | 3 50 | TUBE Yes SN N/A for Pkg Type 0 to 125 TL750L05C TL750L05CKCSE3 Active Production TO-220 (KCS) | 3 50 | TUBE Yes SN N/A for Pkg Type 0 to 125 TL750L05C TL750L05CKTTR Active Production DDPAK/ TO-263 (KTT) | 3 500 | LARGE T&R Yes SN Level-3-245C-168 HR 0 to 125 TL750L05C TL750L05CKTTR.A Active Production DDPAK/ TO-263 (KTT) | 3 500 | LARGE T&R Yes SN Level-3-245C-168 HR 0 to 125 TL750L05C TL750L05CKTTRG3 Active Production DDPAK/ TO-263 (KTT) | 3 500 | LARGE T&R Yes SN Level-3-245C-168 HR 0 to 125 TL750L05C TL750L05CKVURG3 Active Production TO-252 (KVU) | 3 2500 | LARGE T&R Yes SN Level-3-260C-168 HR 0 to 125 750L05C TL750L05CKVURG3.A Active Production TO-252 (KVU) | 3 2500 | LARGE T&R Yes SN Level-3-260C-168 HR 0 to 125 750L05C TL750L05CLP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 125 750L05C TL750L05CLP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 125 750L05C TL750L05CLPE3 Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 125 750L05C TL750L05CLPR Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type 0 to 125 750L05C TL750L05CLPR.A Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type 0 to 125 750L05C TL750L05CLPRE3 Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type 0 to 125 750L05C TL750L08CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR 0 to 125 50L08C TL750L08CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR 0 to 125 50L08C TL750L08CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 125 50L08C TL750L08CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR 0 to 125 50L08C TL750L08CLP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 125 750L08C TL750L08CLP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 125 750L08C TL750L08CLPE3 Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 125 750L08C TL750L10CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 125 50L10C TL750L10CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 125 50L10C Addendum-Page 1 |