Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCDTS2 Arkusz danych(PDF) 4 Page - Multicomp Pro

Numer części MCDTS2
Szczegółowy opis  Tact Switches - SPNO & Caps MCDTS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCDTS2 Arkusz danych(HTML) 4 Page - Multicomp Pro

  MCDTS2 Datasheet HTML 1Page - Multicomp Pro MCDTS2 Datasheet HTML 2Page - Multicomp Pro MCDTS2 Datasheet HTML 3Page - Multicomp Pro MCDTS2 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page <4>
V1.0
13/05/20
Tact Switches - SPNO & Caps
MCDTS Series
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
theuseofitotherthanforinformationpurposesinconnectionwiththeproductstowhichitrelates.Nolicenceofanyintellectualpropertyrightsisgranted.TheInformationissubjecttochange
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
wheretheGroupwasawareofthepossibilityofsuchlossordamagearising)isexcluded.ThiswillnotoperatetolimitorrestricttheGroup’sliabilityfordeathorpersonalinjuryresultingfromits
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Specifications Table
Overall Height /
Operating Force (gf)
Part Number
3.8/160
MCDTSHW6-9N-B
Overall Height /
Operating Force (gf)
PCB Drilling
Part Number
5 / 160
6.5 × 4.5
MCDTS6-2N
5 / 260
MCDTS6-2R
7/100
MCDTS6-3K
7/160
MCDTS6-3N
7/260
MCDTS6-3R
9.5 / 100
MCDTS6-5K
9.5 / 160
MCDTS6-5N
9.5 / 260
MCDTS6-5R
8.35/100
-
MCDTSA6-5K
8.35/160
-
MCDTSA6-5N
8.35/260
-
MCDTSA6-5R
3.85/100
-
MCDTSA6-2K
3.85/160
-
MCDTSA6-2N
For Part Number - MCDTSHW6
Features
• Highreliability,longoperatinglife
• MCDTSHW6Series(6mm×6mm)Washable-PCBdrilling6.5mm×4mm
Specifications
Electrical
Current Rating
: 50mA
Minimum Voltage Rating
: 12V DC
Maximum Contact Resistance : 100m
Insulation Resistance
: 10M 500V DC
Dielectric Strength
: 250V AC / 1 minute
Stop Strength
: 3 kgf 15 Seconds
WaveSolder
:260°Cmaximum5s1.6mmPCB
Electrical Life
: 100,000 operations minimum
HandSolder
:320°C2S30Wiron
PCBHoleDiameter
:1±0.05mm
OperatingTemperature
:-25°Cto+70°C
Dimensions : Millimetres



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com