Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCDTS2 Arkusz danych(PDF) 1 Page - Multicomp Pro

Numer części MCDTS2
Szczegółowy opis  Tact Switches - SPNO & Caps MCDTS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCDTS2 Arkusz danych(HTML) 1 Page - Multicomp Pro

  MCDTS2 Datasheet HTML 1Page - Multicomp Pro MCDTS2 Datasheet HTML 2Page - Multicomp Pro MCDTS2 Datasheet HTML 3Page - Multicomp Pro MCDTS2 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
13/05/20
Tact Switches - SPNO & Caps
MCDTS Series
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Sharp click feel with a positive tactile feedback. Due to small movement distance (stroke), user experiences distinct sensation
when the switch “clicks” into place
• Ultraminiature and light weight structure suitable for high density mounting. Economic with high reliability
• Insertmouldinginthecontacthasaspecialtreatmentwhichpreventsfluxbuild-upduringsolderingandpermitsauto-dipping
• Comprehensive range of SPNO tact switches
• Select by overall height, body, actuator length and operating force
Specifications
Materials
Cover
: Stainless steel
Base
: Nylon thermoplastic
Colour
: Black
Stem
: Nylon thermoplastic
Colours
: Black (100gf), Brown (160gf), Red (260gf)
Contact Disc
: Phosphor bronze with silver cladding
Terminal
: Brass with silver cladding
Cap
: Thermoplastic ABS
Mechanical
Operation Force
: 160 ±50gf Brown (N)
260 ±50gf Red (R)
100 ±50gf Black (K)
350g Salone (S)
Stop Strength
: Place the switch such that a vertical, static load of 3kgf shall be applied in the direction of the stem
operation for a period of 15 seconds
Stroke
: (12 × 12) 0.35 ±0.1mm
(6×6)0.25+0.2mm/-0.1mm
OperatingTemperature :-25°Cto+70°C
StorageTemperature
:-30°Cto+80°C
VibrationTest
:MIL-STD-202Fmethod201A
Frequency:10-55-10Hz/1minute
Directions : X, Y, Z three mutually perpendicular directions
Time : 2 hours each direction
Highreliability
ShockTest
:MIL-STD-202Fmethod213B
Condition A
Gravity : 50 G (peak value), 11 m seconds
Direction and Times : 6 sides and 3 times in each direction
Highreliability


Podobny numer części - MCDTS2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MCDT-200 ETC2-MCDT-200 Datasheet
739Kb / 16P
MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
MCDT-300 ETC2-MCDT-300 Datasheet
739Kb / 16P
MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
More results

Podobny opis - MCDTS2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
Tact switches
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
TACT SWITCHES
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com