| Zakładka z wyszukiwarką danych komponentów |
|
PN-R Arkusz danych(PDF) 3 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PN-R Arkusz danych(HTML) 3 Page - PANDUIT CORP. |
|
3 / 5 page ![]() For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory) ELECTRICAL SOLUTIONS D1.91 B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects (continued) ■KYNAR is a registered trademark of Atonfina Chemicals, Inc. ‡Use Die CD-720PV8-2. PANDUIT Terminal Series Terminal Description Std. Wire Range (AWG) Wire Strip Length (In.) [+1/32;-0] Plier Tools Controlled Cycle Hand Tools Crimp Heads for Pneumatic CT-600-A Tool P-R, P-F, P-LF, P-SLF, P-FF Non-insulated rings, forks, locking forks, short locking forks, flanged forks 26 – 22 3/16 X XX 22 – 18 7/32 XX XX X X X 16 – 14 7/32 XX XX X X X 12 – 10 9/32 XX XX X XX X P-RHT6 High temperature rings 22 – 18 9/32 XX XX X X X 16 – 14 9/32 XX XX X X X 12 – 10 9/32 XX XX X XX X PH Heat shrink terminals 22 – 18 5/16 X 16 – 14 5/16 X 12 – 10 5/16 X PN-R, PN-RX, PN-F, PN-LF, PN-FF, PNF-R, PNF-F, PNF-LF Nylon and nylon funnel entry forks, locking forks, flanged forks (includes expanded insulation) 26 – 22 3/16 X X X 22 – 18 7/32 X X X X X X X 16 – 14 7/32 X XX X X X X X 12 – 10 9/32 X X X X X X PN-HDR, PN-HDRX Nylon insulated heavy duty and nylon expanded insulated heavy duty rings 16 – 12 9/32 X X X X X PN-SLF, PNF-SLF Nylon insulated short locking forks 22 – 18 7/32 X X X X X X 16 – 14 7/32 XX X X X X X 12 – 10 9/32 X X X X X PS Non-insulated parallel splices 22 – 18 5/16 X XX 20 – 16 5/16 X XX 14 – 12 7/16 X XX PSN Nylon insulated parallel splices 22 – 18 5/16 X X X 20 – 16 5/16 XX X X X X 14 – 12 7/16 X X X PK-R KYNAR■ rings 22 – 18 7/32 X X X X X X X X 16 – 14 7/32 X X X X X X X X 12 – 10 9/32 X X X X X PV-HDR, PV-HDRX Vinyl insulated heavy duty rings 16 – 12 5/16 X X X X X PV-LF, PV-LFX Vinyl insulated locking forks (includes expanded insulation) 22 – 18 5/16 X X X X X X X X 16 – 14 5/16 X XX X X X X X 12 – 10 5/16 X X X X X X X PV-P Vinyl insulated pin terminals 22 – 18 5/16 XX X X X X X X 16 – 14 5/16 XX X X X X X X 12 – 10 5/16 XX X X X X X PV-R, PV-F, PV-FF, PV-RX, PV-FX Vinyl insulated rings and forks (includes expanded insulation) 26 – 22 3/16 X X X 22 – 18 5/16 XX X X X X X X X 16 – 14 5/16 XX X XX X X X X X 12 – 10 5/16 XX X X X X X PV-R, PV-RX Vinyl insulated large ring terminals 8 3/8 X‡ 6 7/16 X‡ 4 1/2 X‡ 2 1/2 X X‡ PV-SLF Vinyl insulated short locking forks 22 – 18 5/16 X X X X X 16 – 14 5/16 XX X X X X 12 – 10 5/16 X X X Mechanical |