| Zakładka z wyszukiwarką danych komponentów |
|
PN-R Arkusz danych(PDF) 5 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PN-R Arkusz danych(HTML) 5 Page - PANDUIT CORP. |
|
5 / 5 page ![]() For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory) ELECTRICAL SOLUTIONS D1.93 B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Tooling Selection Guide for PANDUIT Ferrules Controlled Cycle Hand Tools PANDUIT Ferrule Series Ferrule Description Wire Range (AWG) Wire Range (mm²) Wire Strip Length CT-1000 CT-1002 CT-1003 CT-1004 CT-1005 CT-1006 CT-1104 CT-1123 F Non-insulated ferrules 24 .25 Please See Ferrule Tables – Pgs. D1.73 – D1.77 X X 22 – 18 .50 – 1.00 X X X 16 1.50 X X X 14 2.50 X X 12 4.00 X X X 10 6.00 X X X 8 10.0 X X X 6 16.0 X X X 4 – 2 25.0 – 35.0 X X 1 50.0 X FSD, FSF Insulated single wire ferrules (DIN or French color code) 26 – 18 .41 – 1.00 X X X 16 – 14 1.50 – 2.00 XX X 12 – 10 4.00 – 6.00 X X X 8 10.0 XX X X 6 16.0 X X X 4 – 2 25.0 – 35.0 X 1 50.0 X FTD Insulated twin wire ferrules 22 – 18 .50 – 1.00 X X X 16 – 14 1.50 – 2.00 X X X 12 4.00 X X X 10 6.00 X X X FSD-DSL FS-DSL Insulated single wire ferrules on strips of 50 (DIN or other color code) 20 – 14 .50 – 2.50 .31" (8mm) X |