| Zakładka z wyszukiwarką danych komponentów |
|
STF13NM50N Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF13NM50N Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 17 page ![]() May 2007 Rev 2 1/17 17 STB13NM50N/-1 - STF13NM50N STP13NM50N - STW13NM50N N-channel 500V - 0.250 Ω - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh™ Power MOSFET Features ■ 100% avalanche tested ■ Low input capacitance and gate charge ■ Low gate input resistance Description This product is realized with the second generation of MDmesh™ technology. This revolutionary Power MOSFET associates a new vertical structure to the company’s strip layout to yield one of the world’s lowest on-resistance and gate charge. It is therefore suitable for the most demanding high efficiency converters Application ■ Switching application Internal schematic diagram Type VDSS (@Tjmax) RDS(on) ID STB13NM50N 550V <0.32 Ω 12A STB13NM50N-1 550V <0.32 Ω 12A STF13NM50N 550V <0.32 Ω 12A(1) 1. Limited only by maximum temperature allowed STP13NM50N 550V <0.32 Ω 12A STW13NM50N 550V <0.32 Ω 12A TO-220 TO-220FP I²PAK D²PAK 1 2 3 1 2 3 1 2 3 1 3 TO-247 www.st.com Order codes Part number Marking Package Packaging STB13NM50N-1 B13NM50N I²PAK Tube STB13NM50N B13NM50N D²PAK Tape & reel STP13NM50N P13NM50N TO-220 Tube STF13NM50N F13NM50N TO-220FP Tube STW13NM50N W13NM50N TO-247 Tube |
Podobny numer części - STF13NM50N |
|
Podobny opis - STF13NM50N |