| Zakładka z wyszukiwarką danych komponentów |
|
ST10F271Z1 Arkusz danych(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F271Z1 Arkusz danych(HTML) 100 Page - STMicroelectronics |
|
100 / 185 page ![]() System reset ST10F271Z1 100/185 The start-up configurations and some system features are selected on reset sequences as described in Table 50 and Figure 35. Table 50 describes what is the system configuration latched on PORT0 in the six different reset modes. Figure 35 summarizes the state of bits of PORT0 latched in RP0H, SYSCON, BUSCON0 registers. Software reset (2) x 0 N Synch. Not activated 0 0 0 1 0 x 0 N Synch. Not activated 0 0 0 1 0 0 1 Y Synch. Not activated 0 0 0 1 0 1 1 Y Synch. Activated by internal logic for 1024 TCL 0 0 0 1 0 Watchdog reset (2) x 0 N Synch. Not activated 0 0 0 1 1 x 0 N Synch. Not activated 0 0 0 1 1 0 1 Y Synch. Not activated 0 0 0 1 1 1 1 Y Synch. Activated by internal logic for 1024 TCL 0 0 0 1 1 1. It can degenerate into a Long Hardware Reset and consequently differently flagged (see Section 20.3 for details). 2. When Bidirectional is active (and with RPD=0), it can be followed by a Short Hardware Reset and consequently differently flagged (see Section 20.6 for details). Table 49. Reset event (continued) Event RSTIN WDTCON flags min max Table 50. PORT0 latched configuration for the different reset events X: Pin is sampled -: Pin is not sampled PORT0 Sample event Software reset - - - XX XX XX X - - - - - - Watchdog reset - - - XX XX XX X - - - - - - Synchronous short hardware reset - - - XX XX XX XXX XX XX Synchronous long hardware reset X X XXX XX XX XXX XX XX Asynchronous hardware reset X X XXX XX XX XXX XX XX Asynchronous power-on reset X X XXX XX XX XXX XX XX |