| Zakładka z wyszukiwarką danych komponentów |
|
640468 Arkusz danych(PDF) 70 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Arkusz danych(HTML) 70 Page - TE Connectivity Ltd |
|
70 / 84 page ![]() 70 Proper wire selection is critical to the success of a wire-to- board application. The chart identifies wires that have been evaluated and approved by the product engineering section. If you plan to use a wire not on the approved list, please submit a sample 12" length of wire to Tyco Electronics for evaluation. AWG Metric Equivalents 18 —0.8 –0.9 mm2 20 —0.5 –0.6 mm2 22 —0.3 –0.4 mm2 24 —0.2 mm2 26 —0.12 –0.15 mm2 28 —0.08 –0.09 mm2 Product Specifications 108-1050 — MTA-100 Connectors 108-1050-1— MTA-100 Posted Connectors 108-1051 — MTA-156 Connectors 108-1219 — MTA-156 Quad Connector System 108-1065— MTA-156 Posted Connectors 108-1058 — MTA-156 Card Edge Connectors Application Specifications 114-1019 — MTA-100 Connectors 114-1020 — MTA-156 Connectors 114-1031 — MTA-100 Ribbon Cable Connector Assembly 114-1032 — MTA-156 Ribbon Cable Connector Assembly 114-1048 — MTA-156 Quad Connector MTA Connectors Approved Wire Listing MTA-100 Connectors Wall Approved Wire AWG UL 1007 PVC Insulation .015 ″ [0.381] 22, 24, 26, 28 UL 1061 Semi-Rigid PVC Insulation .009 ″ [0.229] 22, 24, 26, 28 UL 1095 Semi-Rigid PVC Insulation .012 ″ [0.305] 24 UL 1371 TEFLON Insulation — TFE .006 ″ [0.152] 22, 26 UL 1429 Irradiated PVC — X.L.P.V.C. .010 ″ [0.254] 22, 24, 26, 28 UL 2464 PVC .013 ″ [0.330] 24 UL 3265 Irradiated Polyethylene — X.L.P.E. .010 ″ [0.254] 22, 24 UL 3266 Irradiated Polyethylene — X.L.P.E. .015 ″ [0.381] 22, 24 MIL-W-16878, Type B-PVC Insulation .010 ″ [0.254] 22 UL 1213 TEFLON Insulation—T.F.E. .010 ″ [0.254] 22 MTA-156 Connectors UL 1007 PVC Insulation .015 ″ [0.381] 18, 20, 22, 24 UL 1061 Semi-Rigid PVC Insulation .009 ″ [0.229] 18, 20, 22, 24 UL 1180 TEFLON Insulation — T.F.E. .015 ″ [0.381] 22 UL 1213 TEFLON Insulation — T.F.E. 010 ″ [0.254] 18, 22, 24 UL 1316 PVC/Nylon Wall .015 ″ [0.381] 18, 22 UL 1429 Irradiated PVC — X.L.P.V.C. .010 ″ [0.254] 18, 20, 22, 24 UL 1430 Irradiated PVC — X.L.P.V.C. .015 ″ [0.381] 18, 20, 22, 24 UL 1569 PVC .015 ″ [0.381] 18 UL 3265 Irradiated Polyethylene — X.L.P.E. .010 ″ [0.254] 22 UL 3266 Irradiated Polyethylene — X.L.P.E. .015 ″ [0.381] 18, 20, 22, 24 Note: When selecting approved wire styles noted on this list, the MTA Application Specifications guidelines must be followed. Also, due to wire variations in insulation wall thickness, hardness and wire stranding we would recom- mend evaluating the wire selected before final application approval. TEFLON is a trademark of E.I. DuPont de Nemours and Company. MTA-100 Ribbon Cable Preparation MTA-156 Ribbon Cable Preparation † The dimensions shown represent the recommended minimum and maximum for notches; the actual dimension will depend on your application requirements. Notes: 1. Cable shall be notched, as indicated in the individual ribbon cable connector assembly drawing, according to the requirements specified in these figures. Conductor shall not be exposed after notching, nor shall individual wire stands be cut or nicked. 2. U.L. Style #2651 ribbon cable is approved for use with MTA-100 and MTA-156 connectors per Application Specification 114-1031 and 114-1032. Ribbon Cable Cable Edge-to-End Alignment (Ends of the cable shall be prepared as indicated in this figure) .400-.800† [10.16-20.32] Feed-Thru Notch Dead-End Notch .036-.046 Standard (.046-.052 Allowable for 26-28 AWG Wire Only) .280-.450† [7.112-11.43] .036-.046 Standard (.046-.052 Allowable for 26-28 AWG Wire Only) .500-1.000† [12.70-25.40] Feed-Thru Notch Flush-Mount Notch .400-.600† [10.16-15.24] .062-.080 [1.57-2.03] .062-.080 [1.57-2.03] .064 [1.63] Typ. (Max.) After Notching .050 [1.27] Dia. (Max.) For Mass Terminating .100 [2.54] (Typ.) Insulation Conductor Web .094 [2.39] Typ. (Max.) After Notching .070 [1.78] Dia. (Max.) For Mass Terminating .156 [3.96] (Typ.) Insulation Conductor Web Ribbon Cable End View – A – .010 A Per Inch of Cable Width Notes: 1. For MTA Cable Assemblies Contact US Engineering Cable Assembly Group. 2. For IDC Cable, see pages 71 thru 74. MTA Wire Selection MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |