Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

640468 Arkusz danych(PDF) 76 Page - TE Connectivity Ltd

Numer części 640468
Szczegółowy opis  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Arkusz danych(HTML) 76 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 72Page - TE Connectivity Ltd 640468 Datasheet HTML 73Page - TE Connectivity Ltd 640468 Datasheet HTML 74Page - TE Connectivity Ltd 640468 Datasheet HTML 75Page - TE Connectivity Ltd 640468 Datasheet HTML 76Page - TE Connectivity Ltd 640468 Datasheet HTML 77Page - TE Connectivity Ltd 640468 Datasheet HTML 78Page - TE Connectivity Ltd 640468 Datasheet HTML 79Page - TE Connectivity Ltd 640468 Datasheet HTML 80Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
76
Manual Arbor Frame (with slide)
Part Number 1583518-1*
Upper Tooling
Part Number 1583514-1*
Fixture, Discrete Wire, Closed End
Part Number 1583515-1 (28-26 AWG)
Part Number 1583515-2 (30-28 AWG)
Fixture, Discrete Wire, Feed-Thru
Part Number 1583516-1 (28-26 AWG)
Part Number 1583516-2 (30-28 AWG)
Fixture, Ribbon Cable, Closed End or
Feed-Thru
Part Number 1583517-1
*Required, plus appropriate Fixture(s).
One-At-A-Time Termination Tooling Part Numbers
Note: Max. Insulation Outside Diameter Wire:
.060 [1.52] for MTA-100 Connectors /.095 [2.41] for MTA-156 Connectors
MTA-100 and MTA-156 Mass Termination Tooling Part Numbers
Note: Max. Insulation Outside Diameter Wire:
.050 [1.27] for MTA-100 Connectors /.070 [1.78] for MTA-156 Connectors
Harness Board Holding Fixture
Interchangeable Head
MTA Connector
Interchangeable Head
Used With
and Tape Feed Track
Assembly
Part Number
Used With
Part Number
Applicator
Tooling
Part Number
Used With
Assembly
Assembly
Closed End
——
58242-1
854175-1 &
312522-1
58242-3
58575-1
854200-1 (Base)
Feed Thru
58644-1 (Discrete Wire)†
58074-1 (Man Hd Tl)
58243-1
——
MTA-100
58644-2 (Notched Cable)†
58243-3
58575-1
Connector
Closed End
——
58635-1
58575-1
——
(Posted)
Feed Thru
——
58636-1
58575-1
——
(Posted)
Closed End
——
58244-1
854176-1 &
312522-1
58244-3
58576-1
854200-1 (Base)
Feed Thru
58646-1 (Discrete Wire)††
58074-1 (Man Hd Tl)
58245-1
——
MTA-156
58646-2 (Notched Cable)††
58245-3
58576-1
Connector
Card Edge
——
59848-1
——
59848-3
58576-1
Closed End
——
58009-1
——
(Posted)
58009-2
58576-1
Feed Thru
——
58010-2
58576-1
——
(Posted)
Manual Bench
Closed End
——
58244-1
Tool 58024-1
——
58244-3
58576-1
and Tooling
MTA-156
Assy 58040-1
Quad
58245-1
58024-1 and
Feed Thru
——
Tooling Assy
——
58245-3
58576-1
58040-1
2- through 12-positions.
††
2- through 8-positions.
Manual Bench
Tool 58024-1
and Tooling
Assembly
58039-1
Manual Bench
Tool 58024-1
and Tooling
Assembly
58040-1
Interchangeable Head and Interchangeable Head and
Interchangeable Head
Loose-Piece Feed Track
Tape Feed Track
T-Handle
MTA Connector
Manual Hand Tool 58074-1
Air Bench Mount
Air Bench Mount
Special
Maintenance
Assembly
Air Hand Tool 58075-1
Tool 58338-1
Tool 58338-1
Applicator
Tool
Air Bench Mount Tool 58338-1
Electric Bench
Electric Bench
Electric Bench Machine 931800-1
Machine 931800-1
Machine 931800-1
MTA-50
Closed End
1583503-1
——
Feed Thru
Closed
58246-1 (Standard)*n
853546-1 & 853542-1
End
58246-2 (Ext Wear)*
933567-1
466728-1
59803-1
MTA-100
58246-3 (Ribbon Cable)
(Base)
Connector
Feed Thru
58442-1
——
59803-1
Posted
58638-1
——
59803-1
(Closed-End)
Closed
58247-1 (Standard)**
853547-1 & 853542-1
End
58247-2 (Ext Wear)
933568-1
466727-1
59804-1
MTA-156
58247-3 (Ribbon Cable)
(Base)
Connector
Feed Thru
58443-1
——
59804-1
Posted
58082-1
——
59804-1
(Closed-End)
MTA-156
Closed
58061-1
——
567020-1
59839-1
Card-Edge
End
MTA-156
Closed
58392-1
——
59804-1
Quad
End
*Repair Kit 856600-1
**Repair Kit 856600-2
Notes:
1. A repair kit consists of a cam,
a feed-slide sub-assembly
and a locating pawl.
Repair kits can be made
available for other inter-
changeable heads. Consult
Tyco Electronics.
2. Standard modular heads
58246-1 and 58247-1 are
recommended for low
volume use.
3. Extended wear modular
heads 58246-2 and 58247-2
are recommended for high
volume use.
4. T-Handle Maintenance Tools
are for maintenance (field)
use only. They are not rec-
ommended for production.
5. Some Manual Hand Tool
Assemblies are available:
a. Order 58579-1, comprised
of Head 58246-1 with
Manual Hand Tool 58074-1.
b. Order 58580-1, comprised
of Head 58247-1 with
Manual Hand Tool 58074-1.
c. Order 58639-1, comprised
of Head 58638-1 with
Manual Hand Tool 58074-1.
MTA-50 Mass Termination Tooling Part Numbers
MTA Application Tooling Options
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84