| Zakładka z wyszukiwarką danych komponentów |
|
641237 Arkusz danych(PDF) 52 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 Arkusz danych(HTML) 52 Page - TE Connectivity Ltd |
|
52 / 84 page ![]() 52 Material and Finish Housing — UL94V-0 rated, nylon, black Posts — Copper alloy, tin plated, .000015 [0.00038] gold over nickel Temperature— Maximum Temperature Rating: 280°C Notes: 1. Post(s) can be omitted for keying pur- poses. Specify the desired post(s) to be omitted using the figure to identify Post No. 1. 2. Gold headers are duplex plated, gold on mating end of post and tin-lead on the solder tail. 3. Headers with straight and right-angle square posts are available upon request. Minimums may apply. 4. To determine header overall length (Dim. A), multiply .156 x the number of posts. Example: .156 x 10 posts equals 1.560 inches [39.62 mm]. For mateability options, see matrix on pages 34, 35, 54 and 58. For mating half visuals, use connectors with a locking ramp for polarization/retention pur- poses, see pages 36 thru 39, 55, 60 and 62. For polarizing purposes only use connectors without a lock- ing ramp. See pages 36 thru 39, 60 and 62. Header Ordering Information The “Base Part Numbers” Chart at right shows the base part number and number of posts available for the described headers. Prefixes and suffixes are deter- mined by the number of post positions in the header. For example, the complete part number for a 10-position header with round tin plated posts: Base number 647648 plus prefix-and-suffix 4- — -0 The correct ordering number is 4-647648-0 The part numbers in bold face are the RoHS equivalent version. Example: No. of Lead Free Pos. RoHS Prefix/Suffix 2 3-647648–2 12 4-647648-2 See page 15 for an explanation of RoHS lead free equivalents. Note: All RoHS equivalent part num- bers may not be available upon cat- alog release. If the number you need is not available, please contact Product Engineering to expedite your request. Recommended Mounting Hole Pattern for .062 [1.57] Thick PC Board Base Part Numbers Round Post Header RoHS Part Nos. Equiv. Standard UL94V-0, Tin Plated 647648 32–42 Standard UL94V-0, .000015 [0.00038] Gold Plated 647649 32–42 For use with Infrared Reflow Process .650 ± .010 [16.51 ± 0.25] Solder Paste Area .057 ± .003 [1.45 ± 0.08] Pretinned Plated Thru Hole Typ. .100 [2.54] Pretinned Land (Both Sides) Typ. .008 [0.20] Min. Thick Solder Paste in Area Shown .120 Typ. [3.05] .156 Typ. [3.96] .070 Typ. [1.78] Position No. 1 .120 Typ. [3.05] Note: Consult Product Drawing for details on placing headers onto PC boards. Note: Select load headers (omitted pin headers) are available upon request. Please contact product engineer or product manager for details. Ø .045 ± .001 [1.14 ± 0.03] .076 ± .003 [1.93 ± 0.08] 2 Plcs. .210 [5.33] .450 [11.43] .125 [3.18] Mating End Solder tail Post No. 1 A Ref. .156 [3.96] Typ. .425 [10.80] .335 [8.51] .700 ± .010 [1 7.78 ±0.25 ] .125 ± .010 [3.18 ±0.25 ] Ref. Ref. Typ. + .005 – .010 +0.13 –0.25 .073 [1.85 ] .545 ± .010 [13.84 ±0.25 ] Typ. MTA-156 Friction Lock High Temperature Headers—Straight MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |