| Zakładka z wyszukiwarką danych komponentów |
|
641237 Arkusz danych(PDF) 56 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 Arkusz danych(HTML) 56 Page - TE Connectivity Ltd |
|
56 / 84 page ![]() 56 .170 [4.32] .156 [3.96] Typ. A B C .161 [4.09] .094 [2.39] .380 [9.65] .075 [1.91] .677 [17.2] .440 [11.18] Ref. .300 [7.62] .125 [3.18] Dia. .312 [7.92 ] ± .005 ± 0.13 .015 [0.38 ] ± .005 ± 0.13 .100 [2.54] Min. .100 [2.54] Min. Circuitry side .090 [2.29] Min. .156 [3.96] Typ. x 45° Cham. Both sides D [ ] ± .005 ± 0.13 Recommended PC Board Layout for .062 [1.57] Thk. PC Board B E .145 [3.68] .375 [9.53] .138 [3.51] .075 [1.91] R. .130 [3.3] Typ. Recommended Panel Cutout Material and Finish Housing — UL94V-0 rated, polyester, see chart for color Contacts — Phosphor bronze, post tin plated Note: Refer to pages 70 thru 74 for approved wire listings. Color Coding by Wire Size for UL94V-0 Connectors 26 AWG — Blue 24 AWG — White 22 AWG — Red 20 AWG — Yellow 18 AWG — Orange Connector Ordering Information The “Base Part Numbers” Chart at right shows the base part number and num- ber of circuits available for the described connectors. Prefixes and suffixes are determined by the number of circuit positions in the connector. For example, the complete part number for a 12-position closed end con- nector without mounting ears for 18 AWG wire would be: Base number 640859 plus prefix-and-suffix 1- — -2 The correct ordering num- ber is 1-640859-2 See page 15 for an explanation of RoHS lead free equivalents. Performance Data Voltage Rating — 600 vac Current Rating — 5 amp max. Low-Level Resistance — 7 m max. initial Dielectric Withstanding Voltage — 1250 vac/1 min. Insulation Resistance — 5000 M min. initial Operating Temperature — 55 C to 105 C Technical Documents Product Specification 108-1058 MTA-156 Card Edge Connectors Application Specification 114-1020 MTA-156 Connectors, Posted Connectors and Card Edge Connectors Base Part Numbers Closed End Feed-Thru Connector Type Without With Without With & Wire Size Mounting Ears Mounting Ears Mounting Ears Mounting Ears No. of No. of No. of No. of Connector Circuits/ Connector Circuits/ Connector Circuits/ Connector Circuits/ Part Nos. RoHS Part Nos. RoHS Part Nos. RoHS Part Nos. RoHS Equiv. Equiv. Equiv. Equiv. Standard UL94V-0, Tin Plated 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 18 AWG 640859 15,18, 20-24 640864 15,18, 20-24 641283 15,18, 20-24 641288 15,18, 20-24 0.8-0.9 mm2 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 20 AWG 640860 15,18, 20-24 640865 15,18, 20-24 641284 15,18, 20-24 641289 15,18, 20-24 0.5-0.6 mm2 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 22 AWG 640861 15,18, 20-24 640866 15,18, 20-24 641285 15,18, 20-24 641290 15,18, 20-24 0.3-0.4 mm2 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 24 AWG 640862 15,18, 20-24 640867 15,18, 20-24 641286 15,18, 20-24 641291 15,18, 20-24 0.2 mm2 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 3, 6, 9, 12, 26 AWG 640863 15,18, 20-24 640868 15,18, 20-24 641287 15,18, 20-24 641292 15,18, 20-24 0.12-0.15 mm2 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 33, 36, 39, 42, 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 45, 48, 50-54 No. of Dimensions Prefix/ Circuits AB C DE Suffix 3 .500 [12.70] .926 [23.52] 1.248 [31.70] .484 [12.29] .650 [16.51] -3 6 .968 [24.59] 1.394 [35.41] 1.716 [43.59] .952 [24.18] 1.118 [28.40] -6 9 1.436 [36.47] 1.862 [47.29] 2.184 [55.47] 1.420 [36.07] 1.586 [40.28] -9 12 1.904 [48.36] 2.330 [59.18] 2.652 [67.36] 1.888 [47.96] 2.054 [52.17] 1- -2 15 2.372 [60.25] 2.798 [71.07] 3.120 [79.25] 2.356 [59.84] 2.522 [64.06] 1- -5 18 2.840 [72.14] 3.266 [82.96] 3.588 [91.14] 2.824 [71.73] 2.990 [75.95] 1- -8 20 3.152 [80.06] 3.578 [90.88] 3.900 [99.06] 3.136 [79.65] 3.302 [83.87] 2- -0 21 3.308 [84.02] 3.734 [94.84] 4.056 [103.02] 3.292 [83.62] 3.458 [87.83] 2- -1 22 3.464 [87.99] 3.890 [98.81] 4.212 [106.98] 3.448 [87.58] 3.614 [91.80] 2- -2 23 3.620 [91.95] 4.046 [102.77] 4.368 [110.95] 3.604 [91.54] 3.770 [95.76] 2- -3 24 3.776 [95.91] 4.202 [106.73] 4.524 [114.91] 3.760 [95.50] 3.926 [99.72] 2- -4 MTA-156 IDC Card Edge Connectors—Closed End and Feed-Thru MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |