| Zakładka z wyszukiwarką danych komponentów |
|
STA381BWS Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 174 page ![]() Pin connections STA381BWS 20/174 DocID018937 Rev 7 2.2 Pin description Table 2. Pin list VQFN 48-pin Name Type Description 1 VCC_REG Power VCC reg 2 VSS_REG Power Vss reg, VCC_REG-3.3 V 3 OUT2B Output Half-bridge 2B output 4 GND2 Power Half-bridge 2A and 2B ground 5 VCC2 Power Half-bridge 2A and 2B supply 6 OUT2A Output Half-bridge 2A output 7 OUT1B Output Half-bridge 1B output 8 VCC1 Power Half-bridge 1A and 1B supply 9 GND1 Power Half-bridge 1A and 1B ground 10 OUT1A Output Half-bridge 1A output 11 VDD_REG Power VDD reg 3.3 V 12 GND_REG Power DC reg ground 13 F3X_FILT Power F3X reference voltage 14 F3XL Output F3X analog out left channel 15 F3XR Output F3X analog out right channel 16 LINEINL Input Line in left channel 17 LINEINR Input Line in right channel 18 LINEHPOUT_L Output Headphone/line driver left channel 19 LINEHPOUT_R Output Headphone/line driver right channel 20 GNDA Power Headphone/line driver power ground 21 SOFTMUTE Input Soft mute 22 VDD3V3 Power +3 V LDO power supply 23 CPVSS Power -3.3 V charge pump pin 24 CPM Filter CHP Cfly negative 25 GNDPSUB Power Charge pump ground 26 CPP Filter CHP Cfly positive 27 VDD3V3CHP Power Charge pump power supply 28 VDDDIG1 Power I/O ring power supply 29 GNDDIG1 Power Digital core ground 30 FFX3A Output Digital PWM line out 31 FFX3B Output Digital PWM line out Obsolete Product(s) - Obsolete Product(s) |