| Zakładka z wyszukiwarką danych komponentów |
|
CC2640R2FYFVT.B Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2640R2FYFVT.B Arkusz danych(HTML) 10 Page - Texas Instruments |
|
10 / 74 page ![]() Table 7-1. Signal Descriptions – RGZ Package (continued) NAME NO. TYPE DESCRIPTION VDDS 44 Power 1.8-V to 3.8-V main chip supply(1) VDDS2 13 Power 1.8-V to 3.8-V DIO supply(1) VDDS3 22 Power 1.8-V to 3.8-V DIO supply(1) VDDS_DCDC 34 Power 1.8-V to 3.8-V DC/DC supply X32K_Q1 3 Analog I/O 32-kHz crystal oscillator pin 1 X32K_Q2 4 Analog I/O 32-kHz crystal oscillator pin 2 X24M_N 46 Analog I/O 24-MHz crystal oscillator pin 1 X24M_P 47 Analog I/O 24-MHz crystal oscillator pin 2 EGP Power Ground – Exposed Ground Pad (1) For more details, see the technical reference manual (listed in Section 11.3). (2) Do not supply external circuitry from this pin. (3) For design consideration regarding noise immunity for this pin, see the JTAG Interface chapter in the CC13x0, CC26x0 SimpleLink™ Wireless MCU Technical Reference Manual (4) If internal DC/DC is not used, this pin is supplied internally from the main LDO. (5) If internal DC/DC is not used, this pin must be connected to VDDR for supply from the main LDO. CC2640R2F SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020 www.ti.com 10 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: CC2640R2F |